Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-868-CW-RCL-SMA Datasheet(PDF) 3 Page - Linx Technologies

Part # ANT-868-CW-RCL-SMA
Description  868 MHz Right-Angle Whip Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-868-CW-RCL-SMA Datasheet(HTML) 3 Page - Linx Technologies

  ANT-868-CW-RCL-SMA Datasheet HTML 1Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 2Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 3Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 4Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 5Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 6Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 7Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Datasheet
ANT-868-CW-RCL-SMA
Counterpoise
1/4-Wave monopole antennas require an associated ground plane counterpoise for proper operation. The
size and location of the ground plane relative to the antenna will affect the overall performance of the antenna
in the final design. When used in conjunction with a ground plane smaller than that used to tune the antenna,
the center frequency typically will shift higher in frequency and the bandwidth will decrease. The proximity of
other circuit elements and packaging near the antenna will also affect the final performance.
For further discussion and guidance on the importance of the ground plane counterpoise, please refer to Linx
Application Note, AN-00501: Understanding Antenna Specifications and Operation.
Antenna Orientation
The ANT-868-CW-RCL is characterized on the edge of a 102 mm x 102 mm ground plane as shown in
Figure 2. This orientation, represents the most common orientation in end-product use.
Figure 2. ANT-868-CW-RCL on Evaluation PCB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com