Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-868-CW-RCL-SMA Datasheet(PDF) 2 Page - Linx Technologies

Part # ANT-868-CW-RCL-SMA
Description  868 MHz Right-Angle Whip Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-868-CW-RCL-SMA Datasheet(HTML) 2 Page - Linx Technologies

  ANT-868-CW-RCL-SMA Datasheet HTML 1Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 2Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 3Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 4Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 5Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 6Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 7Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Datasheet
ANT-868-CW-RCL-SMA
Electrical Specifications
ANT-868-CW-RCL
868 MHz
Frequency Range
862 MHz to 876 MHz
VSWR (max)
1.9
Peak Gain (dBi)
4.1
Average Gain (dBi)
-1.5
Efficiency (%)
71
Polarization
Linear
Radiation
Omnidirectional
Max Power
5 W
Wavelength
1/4-wave
Electrical Type
Monopole
Impedance
50
Ω
Connection
SMA plug (male pin)
Operating Temperature Range
-20 °C to +85 °C
Weight
12.5 g (0.44 oz)
Dimensions
97.7 mm x 18.7 mm x 10.5 (3.80 in x 0.74 in x 0.41 in)
Electrical specifications and plots measured with a 102 mm x 102 mm (4.0 in x 4.0 in) reference ground plane.
Product Dimensions
Figure 1 provides dimensions of the ANT-868-CW-RCL. The rotating base allows for continuous positioning
through 360 degrees even while installed.
10.50
.4
6
.2
97.72
3.8
18.72
.7
97.7 mm
(3.80 in)
18.7 mm
(0.74 in)
Ø6.0 mm
(0.20 in)
Ø10.5 mm
(0.41 in)
360° Rotation
Figure 1. ANT-868-CW-RCL Antenna Dimensions
Packaging Information
The CW-RCL series antennas are packaged, 50 pcs in a clear plastic bag, 500 pcs per inner box, and 2000
pcs per export box. Distribution channels may offer alternative packaging options.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com