Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1007-R Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # 2SD1007-R
Description  GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

2SD1007-R Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  2SD1007-R Datasheet HTML 1Page - AiT Semiconductor Inc. 2SD1007-R Datasheet HTML 2Page - AiT Semiconductor Inc. 2SD1007-R Datasheet HTML 3Page - AiT Semiconductor Inc. 2SD1007-R Datasheet HTML 4Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
2SD1007
GENERAL PURPOSE TRANSISTORS
NPN TRANSISTORS
REV1.1
- MAR 2015 RELEASED, AUG 2020 UPDATED -
- 3 -
PACKAGE INFORMATION
Dimension in SOT-89 (Unit: mm)
Symbol
Min
Max
A
1.4
1.6
b
0.35
0.55
b1
0.4
0.65
b2
1.6 TYP
c
0.35
0.45
D
4.4
4.6
E
2.35
2.55
e
1.5 TYP
e1
3.0 TYP
HE
4.15 TYP
L
2.7 TYP
LE
1.0 TYP
α
5°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com