Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1007-R Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # 2SD1007-R
Description  GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

2SD1007-R Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  2SD1007-R Datasheet HTML 1Page - AiT Semiconductor Inc. 2SD1007-R Datasheet HTML 2Page - AiT Semiconductor Inc. 2SD1007-R Datasheet HTML 3Page - AiT Semiconductor Inc. 2SD1007-R Datasheet HTML 4Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
2SD1007
GENERAL PURPOSE TRANSISTORS
NPN TRANSISTORS
REV1.1
- MAR 2015 RELEASED, AUG 2020 UPDATED -
- 1 -
DESCRIPTION
FEATURES
The 2SD1007 is available in SOT-89 package
High collector emitter voltage: VCEO>120V
Available in SOT-89 package
PIN DESCRIPTION
1. BASE
2. COLLECTOR
3. EMITTER
ORDERING INFORMATION
Package Type
Part Number
SOT-89
SPQ: 1,000/Reel
2SD1007-R
2SD1007-Q
2SD1007-P
hFE
2SD1007-R = 90~180
2SD1007-Q = 135~270
2SD1007-P = 200~400
AiT provides all RoHS Compliant Products


Similar Part No. - 2SD1007-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD1007-R KEXIN-2SD1007-R Datasheet
887Kb / 3P
NPN Transistors
2SD1007-R-HF KEXIN-2SD1007-R-HF Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SD1007-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
Will Semiconductor Ltd.
WNT2F04 WILLSEMI-WNT2F04 Datasheet
698Kb / 4P
NPN, General Purpose Transistors
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com