Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1007-R Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # 2SD1007-R
Description  GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

2SD1007-R Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  2SD1007-R Datasheet HTML 1Page - AiT Semiconductor Inc. 2SD1007-R Datasheet HTML 2Page - AiT Semiconductor Inc. 2SD1007-R Datasheet HTML 3Page - AiT Semiconductor Inc. 2SD1007-R Datasheet HTML 4Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
2SD1007
GENERAL PURPOSE TRANSISTORS
NPN TRANSISTORS
REV1.1
- MAR 2015 RELEASED, AUG 2020 UPDATED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
TA=25°C
VCBO, Collector-Base Voltage
120V
VCEO, Collector-Emitter Voltage
120V
VEBO, Emitter-Base Voltage
5V
IC, Collector Current
0.7A
IC(pu), Collector Current (pulse)NOTE1
1.2A
PC, Collector Power Dissipation
2W
TJ, Junction Temperature
150°C
TSTG, Storage Temperature
-55°C ~150°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these
or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
NOTE1: PW≤10ms, duty cycle≤50%
ELECTRICAL CHARACTERISTICS
TA=25°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Base-Emitter VoltageNOTE2
VBE
VCE=10V, IC=10mA
550
620
650
mV
Collector Cutoff Current
ICBO
VCB=120V, IE=0
-
-
100
nA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0
-
-
100
nA
DC Current GainNOTE2
hFE
VCE=1V, IC=100mA
90
200
400
VCE=1V, IC=5.0mA
45
200
-
Collector- Emitter Saturation
VoltageNOTE2
VCE(sat)
IC=500mA, IB=50mA
-
0.3
0.6
V
Base-Emitter Saturation VoltageNOTE2
VBE(sat)
IC=500mA, IB=50mA
-
0.9
1.5
V
Output Capacitance
Cob
VCB=10V, IE=0, f=1.0MHz
-
10
-
pF
Transition Frequency
fT
VCE=10V, IE=-10mA
-
90
-
MHz
NOTE2: PW≤350μs, duty cycle≤2%
●hFE Classification
2SD1007-R
2SD1007-Q
2SD1007-P
hFE
90~180
135~270
200~400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com