Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML63301PR Datasheet(PDF) 5 Page - Minilogic Device Corporation Limited

Part # ML63301PR
Description  DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML63301PR Datasheet(HTML) 5 Page - Minilogic Device Corporation Limited

  ML63301PR Datasheet HTML 1Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 2Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 3Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 4Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5/5
ML63
REV
DESCRIPTION
DATE
First Official Specification
23/10/02
v Ordering Information
v History of Revision
Designator
Description
Output Voltage
eg.
27=2.7V
30=3.0V
a
50=5.0V
b
Oscillator Frequency
1 = 180KHz
1A = 100KHz
c
Package Type
P = SOT-89
T = TO-92
d
Device Orientation
R = Embossed Tape
(Orientation of Device : Right)
L = Embossed Tape
(Orientation of Device : Left)
B = Bag (TO-92)
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and
reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com