Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML63301PR Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML63301PR
Description  DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML63301PR Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML63301PR Datasheet HTML 1Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 2Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 3Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 4Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
ML63
v Electrical Characteristics
VIN = 1.6V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
ML63271 / ML63271A
VOUT=2.7V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
2.633
2.700
2.767
V
Startup Voltage
VSTART
IOUT=1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT=1mA
0.7
V
TYPE = ML63271A
85
100
115
KHz
Oscillator Frequency
FOSC
TYPE = ML63271
153
180
207
KHz
Input Current 1
IIN1
At no load
8
12
uA
Input Current 2
IIN2
VIN = 3.2V
6
uA
Lx Switching Current
ILX
VLX=0.4V, VIN=2.55V
40
mA
Lx Leakage Current
ILXLEAK
VIN=3.5V, VLX=6.0V
0.5
uA
Oscillator Duty Cycle
MAXDTY
Measuring Lx Waveform
75
%
Efficiency
EFF
80
%
Input Voltage
VIN
8
V
VIN = 1.8V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
ML63301 / ML63301A
VOUT=3.0V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
2.925
3.000
3.075
V
Startup Voltage
VSTART
IOUT=1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT=1mA
0.7
V
TYPE = ML63301A
85
100
115
KHz
Oscillator Frequency
FOSC
TYPE = ML63301
153
180
207
KHz
Input Current 1
IIN1
At no load
8
12
uA
Input Current 2
IIN2
VIN = 3.5V
6
uA
Lx Switching Current
ILX
VLX=0.4V, VIN=2.85V
40
mA
Lx Leakage Current
ILXLEAK
VIN=3.5V, VLX=6.0V
0.5
uA
Oscillator Duty Cycle
MAXDTY
Measuring Lx Waveform
75
%
Efficiency
EFF
80
%
Input Voltage
VIN
8
V
VIN = 1.8V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
ML63501
VOUT=5.0V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
4.925
5.000
5.075
V
Startup Voltage
VSTART
IOUT=1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT=1mA
0.7
V
Oscillator Frequency
FOSC
85
100
115
KHz
Input Current 1
IIN1
At no load
8
12
uA
Input Current 2
IIN2
VIN = 3.5V
6
uA
Lx Switching Current
ILX
VLX=0.4V, VIN=2.85V
40
mA
Lx Leakage Current
ILXLEAK
VIN=3.5V, VLX=6.0V
0.5
uA
Oscillator Duty Cycle
MAXDTY
Measuring Lx Waveform
75
%
Efficiency
EFF
80
%
Input Voltage
VIN
8
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com