Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML63301PR Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML63301PR
Description  DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML63301PR Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML63301PR Datasheet HTML 1Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 2Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 3Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 4Page - Minilogic Device Corporation Limited ML63301PR Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ML63
ML63 Series DC-DC Converter
v Application
u Power Source of Portable Products
u Palmtops
u Portable Cameras and Video Recorders
u Wireless mouse and keyboard
v Features
l Smallnumberofexternalcomponents:inductor,diodeand
capacitor.
l Ultralowinputcurrent:Typical0.6uA(atnoload,1.5V
input)
l Oscillator:100kHz,180kHz(+15%)
l Lowrippleandnoise
l Lowstartupvoltage:Max0.9V(with1mA input)
l HighEfficiency: Typical80%
l PackageAvailable:
SOT- 89 (500mW) & TO - 92 (300mW)
v Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
8
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~VIN+0.3
V
SOT-89
500
Continuous
Total Power
Dissipation
TO-92
Pd
300
mW
Operating Ambient
Temperature
Topr
-30 ~ +80
oC
Storage Temperature
Tstg
-40 ~ +125
oC
v General Description
The ML63 is a group of VFM Step-up DC/DC
converter IC with ultra-low supply current by
CMOS process.
It consists of an oscillator, a VFM control circuit, a
Lx switch driver transistor, a reference voltage unit,
an error amplifier for voltage detection and an Lx
switch protection circuit. It is suitable for use with
battery-powered instruments with low noise and
ultra low supply current.
v Block Diagram
VLX
limiter
Buffer
OSC
100KHz/180KHz
Vref
VFM
control
OUT
Error Amp
.
Lx
Vss
LxSW


Similar Part No. - ML63301PR

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63326 OKI-ML63326 Datasheet
77Kb / 4P
4-Bit Microcontroller with built-in Voice Synthesis and 1024-Dot LCD Drivers
ML63326-XXX OKI-ML63326-XXX Datasheet
77Kb / 4P
4-Bit Microcontroller with built-in Voice Synthesis and 1024-Dot LCD Drivers
More results

Similar Description - ML63301PR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com