Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252-I/KDX Datasheet(PDF) 12 Page - Microchip Technology

Part # USB7252-I/KDX
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252-I/KDX Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB7252-I/KDX Datasheet HTML 8Page - Microchip Technology USB7252-I/KDX Datasheet HTML 9Page - Microchip Technology USB7252-I/KDX Datasheet HTML 10Page - Microchip Technology USB7252-I/KDX Datasheet HTML 11Page - Microchip Technology USB7252-I/KDX Datasheet HTML 12Page - Microchip Technology USB7252-I/KDX Datasheet HTML 13Page - Microchip Technology USB7252-I/KDX Datasheet HTML 14Page - Microchip Technology USB7252-I/KDX Datasheet HTML 15Page - Microchip Technology USB7252-I/KDX Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
USB7252
DS00002736D-page 12
2018 - 2020 Microchip Technology Inc.
Downstream
Port 3 USB 3.2
Gen 2 TX D+
USB3DN_TXDP3
I/O-U
Downstream SuperSpeed+ Transmit Data
Plus, port 3.
Float
Downstream
Port 3 USB 3.2
Gen 2 TX D-
USB3DN_TXDM3
I/O-U
Downstream SuperSpeed+ Transmit Data
Minus, port 3.
Float
Downstream
Port 3 USB 3.2
Gen 2 RX D+
USB3DN_RXDP3
I/O-U
Downstream SuperSpeed+ Receive Data
Plus, port 3.
Weak pull-
down to
GND
Downstream
Port 3 USB 3.2
Gen 2 RX D-
USB3DN_RXDM3
I/O-U
Downstream SuperSpeed+ Receive Data
Minus, port 3.
Weak pull-
down to
GND
USB 2.0 Interfaces
Upstream USB
2.0 D+
USB2UP_DP
I/O-U
Upstream USB 2.0 Data Plus (D+).
Mandatory
Note 3-12
Upstream USB
2.0 D-
USB2UP_DM
I/O-U
Upstream USB 2.0 Data Minus (D-).
Mandatory
Note 3-12
Downstream
Ports 1-4 USB
2.0 D+
USB2DN_DP[1:4]
I/O-U
Downstream USB 2.0 Ports 1-4 Data Plus
(D+).
Connect
directly to
3.3V
Downstream
Ports 1-4 USB
2.0 D-
USB2DN_DM[1:4]
I/O-U
Downstream USB 2.0 Ports 1-4 Data Minus
(D-)
Connect
directly to
3.3V
SPI Interface
SPI Clock
SPI_CLK
I/O-U
SPI clock. If the SPI interface is enabled,
this pin must be driven low during reset.
Weak pull-
down to
GND
SPI Data 3-0
SPI_D[3:0]
I/O-U
SPI Data 3-0. If the SPI interface is enabled,
these signals function as Data 3 through 0.
Note 3-1
SPI_D0 operates as the
CFG_BC_EN s trap if
external SPI memory is not
used. It must be terminated
with the selected strap
resistor to 3.3V or GND.
SPI_ D[1 :3] should be
connected to GND through
a weak pull-down.
Note 3-1
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description
If Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com