Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252-I/KDX Datasheet(PDF) 13 Page - Microchip Technology

Part # USB7252-I/KDX
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252-I/KDX Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB7252-I/KDX Datasheet HTML 9Page - Microchip Technology USB7252-I/KDX Datasheet HTML 10Page - Microchip Technology USB7252-I/KDX Datasheet HTML 11Page - Microchip Technology USB7252-I/KDX Datasheet HTML 12Page - Microchip Technology USB7252-I/KDX Datasheet HTML 13Page - Microchip Technology USB7252-I/KDX Datasheet HTML 14Page - Microchip Technology USB7252-I/KDX Datasheet HTML 15Page - Microchip Technology USB7252-I/KDX Datasheet HTML 16Page - Microchip Technology USB7252-I/KDX Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
2018 - 2020 Microchip Technology Inc.
DS00002736D-page 13
USB7252
SPI Chip
Enable
SPI_CE_N
I/O12
Active low SPI chip enable input. If the SPI
interface is enabled, this pin must be driven
high in powerdown states.
Note 3-2
Operates
as
the
CFG_NON_REM strap if
external SPI memory is not
used. It must be terminated
with the selected strap
resistor to 3.3V or GND.
Note 3-2
USB Type-C Connector Control
Downstream
Port 1 Type-C
Voltage Monitor
DP1_VBUS_MON
AIO
Used to detect Type-C VBUS vSafe5V and
vSafe0V states on Port 1. A nominal voltage
of 2.7V (2.4V min -3.0V max) is required to
detect the presence of vSafe5V.
Externally, VBUS can be as high as 5.25 V,
which can be damaging to this pin. The
amplitude of VBUS must be reduced by a
voltage divider. The recommended voltage
divider is shown below. 1% tolerance resis-
tors are recommended.
For proper Type-C port operation, it is criti-
cal that this pin actually be connected to
VBUS of the port through the recommended
resistor divider. This pin should not be tied
permanently to a fixed voltage power rail.
Note 3-3
If unused: Weak pull-down
to GND. This pin may be
left unused if Port 1 is
disabled or reconfigured to
operate in legacy Type-A
mod e
thro ug h
hu b
configuration.
Note 3-3
Downstream
Port 1 Type-C
CC1
DP1_CC1
I/O12
Used for Type-C attach and orientation
detection on Port 1. Includes configurable
Rp/Ra selection. Connect this pin directly to
the CC1 pin of the respective Type-C con-
nector.
Note 3-4
If unused: Weak pull-down
to GND. This pin may only
be left unused if Port 1 is
disabled or reconfigured to
operate in legacy Type-A
mod e
thro ug h
hu b
configuration.
Note 3-4
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description
If Unused
VBUS_P1
43K
DP1_VBUS_MON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com