Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252-I/KDX Datasheet(PDF) 16 Page - Microchip Technology

Part # USB7252-I/KDX
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252-I/KDX Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB7252-I/KDX Datasheet HTML 12Page - Microchip Technology USB7252-I/KDX Datasheet HTML 13Page - Microchip Technology USB7252-I/KDX Datasheet HTML 14Page - Microchip Technology USB7252-I/KDX Datasheet HTML 15Page - Microchip Technology USB7252-I/KDX Datasheet HTML 16Page - Microchip Technology USB7252-I/KDX Datasheet HTML 17Page - Microchip Technology USB7252-I/KDX Datasheet HTML 18Page - Microchip Technology USB7252-I/KDX Datasheet HTML 19Page - Microchip Technology USB7252-I/KDX Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
USB7252
DS00002736D-page 16
2018 - 2020 Microchip Technology Inc.
Test 1
TEST1
A
Test 1 pin.
This signal is used for test purposes and
must always be pulled-up to 3.3V via a 10
kresistor.
Pull to 3.3V
through a
10 k
resistor
Test 2
TEST2
A
Test 2 pin.
This signal is used for test purposes and
must always be pulled-up to 3.3V via a 10
kresistor.
Pull to 3.3V
through a
10 k
resistor
Test 3
TEST3
A
Test 3 pin.
This signal is used for test purposes and
must always be pulled-up to 3.3V via a 10
kresistor.
Pull to 3.3V
through a
10 k
resistor
Reset Input
RESET_N
IS
This active low signal is used by the system
to reset the device.
Mandatory
Note 3-12
Bias Resistor
RBIAS
I-R
A 12.0 k 1.0% resistor is attached from
ground to this pin to set the transceiver’s
internal bias settings. Place the resistor as
close the device as possible with a dedi-
cated, low impedance connection to the
ground plane.
Mandatory
Note 3-12
Test
TESTEN
I/O12
Test pin.
This signal is used for test purposes and
must always be connected to ground.
Connect to
GND
Analog Test
ATEST
A
Analog test pin.
This signal is used for test purposes and
must always be left unconnected.
Float
External 25 MHz
Crystal Input
XTALI
ICLK
External 25 MHz crystal input
Mandatory
Note 3-12
External 25 MHz
Reference Clock
Input
CLK_IN
ICLK
External reference clock input.
The device may alternatively be driven by a
single-ended clock oscillator. When this
method is used,
XTALO should be left
unconnected.
Mandatory
Note 3-12
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description
If Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com