Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252T-I/KDX Datasheet(PDF) 28 Page - Microchip Technology

Part # USB7252T-I/KDX
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252T-I/KDX Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB7252T-I/KDX Datasheet HTML 24Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 25Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 26Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 27Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 28Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 29Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 30Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 31Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
USB7252
DS00002736D-page 28
2018 - 2020 Microchip Technology Inc.
4.0
DEVICE CONNECTIONS
4.1
Power Connections
Figure 4-1 illustrates the device power connections.
4.2
SPI Flash Connections
Figure 4-2 illustrates the Quad-SPI flash connections.
FIGURE 4-1:
POWER CONNECTIONS
FIGURE 4-2:
QUAD-SPI FLASH CONNECTIONS
+3.3V
Supply
USB7252
3.3V Internal Logic
VDD33 (x8)
VSS (exposed pad)
Digital Core
Internal Logic
VCORE (x9)
VCORE
Supply
+3.3V
x8
+3.3V
VCORE
x9
VCORE
USB7252
SPI_CE_N
SPI_CLK
SPI_D0
SPI_D1
Quad-SPI Flash
CE#
CLK
SIO0
SIO1
SPI_D2
SPI_D3
SIO2/WPn
SIO3/HOLDn
+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com