Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252T-I/KDX Datasheet(PDF) 40 Page - Microchip Technology

Part # USB7252T-I/KDX
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252T-I/KDX Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB7252T-I/KDX Datasheet HTML 36Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 37Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 38Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 39Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 40Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 41Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 42Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 43Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
USB7252
DS00002736D-page 40
2018 - 2020 Microchip Technology Inc.
8.2.2
PORT POWER CONTROL USING POLY FUSE
When using the device with a poly fuse, there is no need for an output power control. A single port power control and
over-current sense for each downstream port is still used from the Hub's perspective. When disabling port power, the
driver will actively drive a '0'. This will have no effect as the external diode will isolate pin from the load. When port power
is enabled, it will disable the output driver and enable the pull-up resistor. This means that the pull-up resistor is providing
3.3 volts to the anode of the diode. If there is an over-current situation, the poly fuse will open. This will cause the cath-
ode of the diode to go to 0 volts. The anode of the diode will be at 0.7 volts, and the Schmidt trigger input will register
this as a low resulting in an over-current detection. The open drain output does not interfere.
8.3
CC Pin Orientation and Detection
The device provides CC1 and CC2 pins on all Type-C ports for cable plug orientation and detection of a USB Type-C
receptacle. The device also integrates a comparator and DAC circuit to implement Type-C attach and detach functions,
which supports up to eight programmable thresholds for attach detection between a UFP and DFP. When operating as
a UFP, the device supports detecting changes in the DFP’s advertised thresholds.
When operating as a DFP, the device implements current sources to advertise current charging capabilities on both CC
pins. By default, the CC pins advertise a 3A VBUS sourcing capability when operating in DFP mode. This may be recon-
figured to 1.5A or Default USB (500mA for USB2 DFP or 900mA for a USB3 DFP) via OTP, SMBus, or SPI configuration.
When a UFP connection is established, the current driven across the CC pins creates a voltage across the UFP’s Rd
pull-down that can be detected by the integrated CC comparator. When connected to an active cable, an alternative
pull-down, Ra, appears on the CC pin.
When operating as a UFP, the device applies an Rd pull-down on both CC lines and waits for a DFP connection from
the assertion of VBUS. The CC comparator is used to determine the advertised current charger capabilities supported
by the DFP.
VCONN is a 3V-5V supply used to power circuitry in the USB Type-C plug that is required to implement Electronically
Marked Cables and other VCONN Powered accessories. By default the DFP always sources VCONN when connected
to an active cable. The USB7252 requires the use of two external VCONN FETs. The device provides the enables for
these FETs, and can detect an over-current event (OCS) by monitoring the output voltage of the FET via the CC pins.
Note:
Type-C ports may not utilize a Poly-Fuse port power implementation due to the requirements that VBUS
on Type-C ports must be discharged to 0V when no device is attached to the port.
FIGURE 8-3:
PORT POWER CONTROL USING A POLY FUSE
PRT_CTLx
50k
PRTPWR
OCS
USB
Device
Pull-Up Enable
5V
Poly Fuse
FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com