Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252T-I/KDX Datasheet(PDF) 60 Page - Microchip Technology

Part # USB7252T-I/KDX
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252T-I/KDX Datasheet(HTML) 60 Page - Microchip Technology

Back Button USB7252T-I/KDX Datasheet HTML 56Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 57Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 58Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 59Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 60Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 61Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 62Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 63Page - Microchip Technology USB7252T-I/KDX Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
USB7252
DS00002736D-page 60
2018 - 2020 Microchip Technology Inc.
Section 8.2.1, Port Power Control
using USB Power Switch
Added note after first paragraph.
Section 8.2.2, Port Power Control
using Poly Fuse
Added note after first paragraph.
Section 8.3, CC Pin Orientation and
Detection
Updated section description for clarity.
Section 8.5, FlexConnect
Updated note.
Section 8.6, Multi-Host Endpoint
Reflector
Updated NCM reference to “NCM v1.0”
Section 9.1, Absolute Maximum Rat-
ings*
Added HBM ESD information.
Section 9.2, Operating Conditions**
• Revised Digital Code and 3.3V supply
voltage rise times.
• Added note under Figure 9-1
Section 9.4, Power Consumption
Updated power consumption data.
Section 9.5, DC Specifications
• Updated I type buffer VIL and VIH values.
• Updated ICLK buffer type VIH values.
Section 9.6.1, Power Supply and
RESET_N Sequence Timing
Updated description.
Section 9.6.4, Power-On or Reset to
SMBus Slave Ready Timing and
Section 9.6.5, USB Attach Command
to SMBus Slave Ready Timing
Added new sections.
DS00002736C (11-01-19)
Cover
Updated Highlight bullets to include “Gen 2” in
description of Type-C support.
Section 1.4, Reference Documents
Corrected I2S link
All
Updated all “VDD11” and “+1.1V” references
to “VCORE” for consistency and clarity.
Updated VCORE pin description.
Section 10.1, Package Marking Infor-
mation
Added package marking information.
Section 8.6, Multi-Host Endpoint
Reflector
Changed sentence “Entry into Multi-Host
mode is initiated via a no data Control USB
transfer addressed to the internal Multi-Host
Endpoint Reflector device in the hub.” to “Entry
into Multi-Host mode is initiated via a no data
Control USB transfer addressed to the internal
Hub Feature Controller device in the hub.”
Section 3.1, Pin Assignments,
Section 3.2, Pin Descriptions
Updated “DP3_VBUS_MON”, “DP3_CC1”,
and
“DP3_CC2”
pin
names
to
“DP2_VBUS_MON”,
“DP2_CC1”,
and
“DP2_CC2”, respectively.
Section 3.2, Pin Descriptions
Updated
VBUS_MON_UP, DP1_VBUS_MON,
DP2_VBUS_MON, VBUS_DET description
with additional voltage divider information and
figure.
Section 3.4, Physical and Logical Port
Mapping
Added new section with physical and logical
port mapping.
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com