Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7393ATT__+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7393ATT__+
Description  Precision Silicon Oscillators with Enable or Autoenable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7393ATT__+ Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX7393ATT__+ Datasheet HTML 1Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 2Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 3Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 4Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 5Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 6Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 7Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 8Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Selector Guide
PART
FREQUENCY PACKAGE
TOP MARK
MAX7393ATTLY
922kHz
6 TDFN
+ANP
MAX7393ALTLY
922kHz
6 μDFN
+ABO
MAX7393ATTMG
1MHz
6 TDFN
+ANQ
MAX7393ALTMG
1MHz
6 μDFN
+ABP
MAX7393ATTRD
4MHz
6 TDFN
+ANR
MAX7393ALTRD
4MHz
6 μDFN
+ABQ
MAX7393ATTTP
8MHz
6 TDFN
+ANS
MAX7393ALTTP
8MHz
6 μDFN
+ABR
MAX7393ATTWB
16MHz
6 TDFN
+AMN
MAX7393ALTWB
16MHz
6 μDFN
+AAR
MAX7393ATTWV
20MHz
6 TDFN
+AMO
MAX7393ALTWV
20MHz
6 μDFN
+AAS
MAX7394ATTLY
922kHz
6 TDFN
+ANV
MAX7394ALTLY
922kHz
6 μDFN
+ABU
MAX7394ATTMG
1MHz
6 TDFN
+ANW
MAX7394ALTMG
1MHz
6 μDFN
+ABV
MAX7394ATTRD
4MHz
6 TDFN
+ANX
MAX7394ALTRD
4MHz
6 μDFN
+ABW
MAX7394ATTTP
8MHz
6 TDFN
+ANY
MAX7394ALTTP
8MHz
6 μDFN
+ABX
MAX7394ATTWB
16MHz
6 TDFN
+AMU
MAX7394ALTWB
16MHz
6 μDFN
+AAY
MAX7394ATTWV
20MHz
6 TDFN
+AMV
MAX7394ALTWV
20MHz
6 μDFN
+AAZ
MAX7394ATTYN
32MHz
6 TDFN
+ANZ
MAX7394ALTYN
32MHz
6 μDFN
+ABY
MAX7394ATTYQ
33MHz
6 TDFN
+AMX
MAX7394ALTYQ
33MHz
6 μDFN
+ABB
MAX7394ATTZH
40MHz
6 TDFN
+AOA
MAX7394ALTZH
40MHz
6 μDFN
+ABZ
MAX7394ATTZY
48MHz
6 TDFN
+AMZ
MAX7394ALTZY
48MHz
6 FDFN
+ABD
1
2
3
6
*EP
*EXPOSED PAD. CONNECT EP TO GROUND.
5
4
VCC2 CLOCK CLKIN
VCC
GND
I.C.
MAX7393
TDFN
TOP VIEW OF
BOTTOM LEADS
+
1
2
3
6
*EP
*EXPOSED PAD. CONNECT EP TO GROUND.
5
4
VCC2 CLOCK ENABLE
VCC
GND
I.C.
MAX7394
TDFN
+
1
2
3
4
5
6
VCC2
CLOCK
ENABLE
VCC
GND
I.C.
MAX7394
µ
DFN
+
1
2
3
4
5
6
VCC2
CLOCK
CLKIN
VCC
GND
I.C.
MAX7393
µDFN
+
MAX7393/MAX7394
Precision Silicon Oscillators with
Enable or Autoenable
www.maximintegrated.com
Maxim Integrated │ 7
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com