Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7393ATT__+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7393ATT__+
Description  Precision Silicon Oscillators with Enable or Autoenable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7393ATT__+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7393ATT__+ Datasheet HTML 1Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 2Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 3Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 4Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 5Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 6Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 7Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 8Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VCC, VCC2 to GND...............................................-0.3V to +4.0V
CLOCK, CLKIN, ENABLE, I.C. to GND .. .-0.3V to (VCC + 0.3V)
CLOCK Output Current ....................................................±50mA
Continuous Power Dissipation (TA = +70°C)
6-Pin μDFN (derate 4.5mW/°C over +70°C) ...............358mW
6-Pin TDFN (derate 18.2mW/°C over +70°C) ..........1455mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(VCC = VCC2 = +2.4V to +3.6V, CL = 10pF, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = VCC2 = +3.3V,
TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Operating Supply Voltage
VCC
2.4
3.6
V
Operating Output Supply Voltage
VCC2
2.4
3.6
V
Total Operating Supply Current
(Note 2)
ITOT
922kHz, MAX739_ _ _ _LY
4.4
mA
4MHz, MAX739_ _ _ _RD
5.4
8MHz, MAX739_ _ _ _TP
5.8
16MHz, MAX739_ _ _ _WB
6.5
32MHz, MAX7394_ _ _ YN
9.2
33MHz, MAX7394_ _ _ YQ
9.5
48MHz, MAX7394_ _ _ ZY
12
Total Shutdown Supply Current
ISHDN
Oscillator disabled,
CLKIN = high (MAX7393),
ENABLE = low (MAX7394) (Note 2)
1
2
µA
LOGIC INPUTS (ENABLE, CLKIN)
Logic Input High Voltage
VIH
0.7 x VCC2
V
Logic Input Low Voltage
VIL
0.3 x VCC2
V
CLOCK OUTPUT
Output High Voltage
VOH
VCC2 ≥ 2.4V, ISOURCE = 5mA
VCC2 - 0.3
V
Output Low Voltage
VOL
VCC2 ≥ 2.4V, ISINK = 5mA
0.3
V
Output Rise Time
tR
(Note 3)
5
ns
Output Fall Time
tF
(Note 3)
5
ns
Duty Cycle
(Note 3)
47
%
Startup Time
Time for output to stabilize
2
ms
Output Jitter (Note 3)
Peak-to-peak jitter, 16MHz (MAX7394)
180
ps
Peak-to-peak jitter, 48MHz (MAX7394)
140
MAX7393/MAX7394
Precision Silicon Oscillators with
Enable or Autoenable
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com