Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7393ATT__+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7393ATT__+
Description  Precision Silicon Oscillators with Enable or Autoenable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7393ATT__+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7393ATT__+ Datasheet HTML 1Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 2Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 3Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 4Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 5Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 6Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 7Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 8Page - Maxim Integrated Products MAX7393ATT__+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
(VCC = VCC2 = 3.3V, TA = +25°C, MAX7394, 48MHz output, unless otherwise noted.)
PIN
NAME
FUNCTION
MAX7393 MAX7394
1
1
VCC
Positive Supply Voltage Input. Bypass VCC to GND with 0.1µF capacitors placed as close to
the device as possible. Connect VCC to VCC2.
2
2
GND
Ground
3
3
I.C.
Internally Connected. Connect I.C. to GND. Do not connect I.C. to any other input or output.
Do not leave I.C. unconnected.
4
—
CLKIN
Clock Input. Connect CLKIN to a returned clock signal source (see the Autoenable (CLKIN,
MAX7393) section).
5
5
CLOCK
Clock Output. CLOCK is a rail-to-rail, push-pull output.
6
6
VCC2
Positive Supply Voltage Input for Output Driver. Bypass VCC2 to GND with a 0.1µF capacitor
placed as close to the device as possible. Connect VCC2 to VCC.
—
4
ENABLE Enable Input. Drive ENABLE low to place the MAX7394 in shutdown mode. Drive ENABLE
high for normal operation.
—
—
EP
Exposed Pad (TDFN Version Only). Connect EP to ground. Do not connect EP to any other
input or output.
MAX7394 SETTLING TIME FROM START
MAX7393 toc09
CLOCK
2V/div
ENABLE
2V/div
400µs/div
CLOCK OUTPUT WAVEFORM
WITH CL = 10pF
MAX7393 toc10
CLOCK
1V/div
10ns/div
MAX7393/MAX7394
Precision Silicon Oscillators with
Enable or Autoenable
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics (continued)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com