Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXM17543
Description  4.5V to 42V, 2.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXM17543_V01 Datasheet HTML 1Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 2Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 3Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 4Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 5Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 6Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 7Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 8Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Click
here to ask about the production status of specific part numbers.
General Description
The Himalaya series of voltage regulator ICs, power
modules, and chargers enable cooler, smaller, and sim-
pler power supply solutions. The MAXM17543 is an
easy-to-use Himalaya, step-down power module that
combines a switching power supply controller, dual
n-channel MOSFET power switches, fully shielded induc-
tor, and the compensation components in a low-pro-
file, thermally-efficient, system-in-package (SiP). The
device operates over a wide input voltage range of
4.5V to 42V and delivers up to 2.5A continuous output
currentwithexcellentlineandloadregulationoveranoutput
voltage range of 0.9V to 12V. The device only requires
five external components to complete the total power
solution. The high level of integration significantly reduces
design complexity, manufacturing risks, and offers a true
plug-and-play power supply solution, reducing time-to-
market.
The device can be operated in the pulse-width modulation
(PWM), pulse-frequency modulation (PFM), or discontinuous
conduction mode (DCM) control schemes.
The MAXM17543 is available in a low-profile, highly
thermal-emissive, compact, 29-pin 9mm x 15mm x
2.8mm SiP package that reduces power dissipation in
the package and enhances efficiency. The package is
easily soldered onto a printed circuit board and suitable
for automated circuit board assembly. The device can
operate over the industrial temperature range from -40°C
to +125°C.
Applications
● Industrial Power Supplies
● Distributed Supply Regulation
● FPGA and DSP Point-of-Load Regulator
● Base Station Point-of-Load Regulator
● HVAC and Building Control
Benefits and Features
● Reduces Design Complexity, Manufacturing Risks,
and Time-to-Market
• Integrated Switching Power Supply Controller and
Dual-MOSFET Power Switches
• Integrated Inductor
• Integrated Compensation Component
● Saves Board Space in Space-Constrained Applications
• Complete Integrated Step-Down Power Supply in a
Single Package
• Small Profile 9mm x 15mm x 2.8mm SiP Package
• Simplified PCB Design with Minimal External BOM
Components
● Offers Flexibility for Power-Design Optimization
• Wide Input Voltage Range from 4.5V to 42V
• Output-Voltage Adjustable Range from 0.9V to 12V
• Adjustable Frequency with External Frequency
Synchronization (100kHz to 1.8MHz)
• Soft-Start Programmable
• PWM, PFM, or DCM Current-Mode Control
• Optional Programmable EN/UVLO
● Operates Reliably in Adverse Industrial Environments
• Integrated Thermal Fault Protection
• Hiccup Mode Overload Protection
• RESET/ Output-Voltage Monitoring
• Wide Industrial Ambient Operating Temperature
Range (-40°C to +125°C)/ Junction Temperature
Range (-40°C to +150°C)
• Complies with CISPR22(EN55022) Class B Con-
ducted and Radiated Emissions
Ordering Information appears at end of data sheet.
19-7450; Rev 2; 11/20
Typical Application Circuit
4.5V TO 42V
IN
SS
SGND
PGND
PGND
FB
OUT
OUT
OUT
OUT
OUT
OUT
OUT
SYNC
MAXM17543
VIN
VOUT
VCC
CIN
OPTIONAL
EP3
VCC
RESET
EN
MODE
RT
CF
EP1
RT
COUT
RU
RB
CSS
MAXM17543
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step-
Down Power Module with Integrated Inductor


Similar Part No. - MAXM17543_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17543EVKIT MAXIM-MAXM17543EVKIT Datasheet
656Kb / 10P
MAXM17543 in 3.3V Output-Voltage Application
Rev 0; 5/15
More results

Similar Description - MAXM17543_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17575 MAXIM-MAXM17575 Datasheet
764Kb / 22P
4.5V to 60V, 1.5A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
Rev 1; 9/17
MAXM17546 MAXIM-MAXM17546 Datasheet
914Kb / 23P
4.5V to 42V, 5A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
19-100146; Rev 0; 4/18
MAXM17503 MAXIM-MAXM17503_V01 Datasheet
1Mb / 20P
4.5V to 60V, 2.5A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2020
MAXM17504 MAXIM-MAXM17504_V01 Datasheet
1Mb / 20P
4.5V to 60V, 3.5A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2020
MAXM17505 MAXIM-MAXM17505_V01 Datasheet
1Mb / 20P
4.5V to 60V, 1.7A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
MAXM17544 MAXIM-MAXM17544_V01 Datasheet
1Mb / 19P
4.5V to 42V, 3.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
MAXM17545 MAXIM-MAXM17545_V01 Datasheet
1Mb / 20P
4.5V to 42V, 1.7A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2020
MAXM17574 MAXIM-MAXM17574_V01 Datasheet
1Mb / 22P
4.5V to 60V, 3A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2019
MAXM17575 MAXIM-MAXM17575_V01 Datasheet
1Mb / 22P
4.5V to 60V, 1.5A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2019
MAXM17761 MAXIM-MAXM17761_V01 Datasheet
1Mb / 20P
4.5V to 76V, 1A High-Efficiency DC-DC Step-Down Power Module with Integrated Inductor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com