Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAXM17543
Description  4.5V to 42V, 2.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAXM17543_V01 Datasheet HTML 10Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 11Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 12Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 13Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 14Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 15Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 16Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 17Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Design Procedure
Setting the Output Voltage
The MAXM17543 supports an adjustable output
voltage range of 0.9V to 12V from an input voltage range
of 4.5V to 42V by using a resistive feedback divider from
OUT to FB. Table 1 provides the feedback dividers for
desired input and output voltages. Other adjustable output
voltages can be calculated by following the procedure to
choose the resistive voltage-divider values:
Calculate resistor RU from the output to FB as follows:
U
C
OUT
216 1000
R
fC
×
=
×
Where RU is in kΩ, crossover frequency (fC) is in kHz,
and output capacitor (COUT) is in μF. Choose fC to be
1/9th of the switching frequency (fSW) if the switching
frequency is less than or equal to 500kHz. If the switching
frequency is more than 500kHz, select fC to be 55kHz.
U
BB
OUT
R
0.9
R
k , whereR isink .
V
0.9
×
=
ΩΩ
−
Input Voltage Range
The minimum and maximum operating input voltages for
a given output voltage should be calculated as follows:
(
)
(
) (
)
OUT
OUT(MAX)
IN(MIN)
OUT(MAX)
SW
OFF_MIN(MAX)
SW
IN(MIN)
OUT
OUT
IN(MAX)
SW
ON_MIN(MAX)
V
I
0.22
V
I
0.175
1 1.12 f
t
f
FOR D 0.4, V
4.26 V
53900
V
V
1.12 f
t
+×
=
+×
−
××
>
=
×−
=
××
where,
VOUT = Steady-state output voltage
IOUT(MAX) = Maximum load current
fSW = Selected operating switching frequency in Hz
tOFF_MIN(MAX) = Worst-case minimum switch off-time (160ns)
tON_MIN(MAX) = Worst-case minimum switch on-time (80ns)
Input Capacitor Selection
The input capacitor serves to reduce the current peaks
drawn from the input power supply and reduces switching
noise to the IC. The input capacitor values in Table 1 are
the minimum recommended values for desired input and
output voltages. Applying capacitor values larger than those
indicated in Table 1 are acceptable to improve the dynamic
response. For further operating conditions, the total input
capacitance must be greater than or equal to the value given
by the following equation in order to keep the input-voltage
ripple within specifications and minimize the high-frequency
ripple current being fed back to the input source:
IN_AVG
IN
IN
I
(1 D)
C
V
f
× −
=
∆
SW
×
where:
IIN_AVG is the average input current given by:
OUT
IN_AVG
IN
P
I
V
=
η×
D is the operating duty cycle, which is approximately
equal to VOUT/VIN.
∆VIN is the required input voltage ripple.
fSW is the operating switching frequency.
POUT is the out power, which is equal to VOUT x IOUT.
η is the efficiency.
The input capacitor must meet the ripple-current require-
ment imposed by the switching currents. The RMS input
ripple current is given by:
RMS
OUT
I
I
D (1 D)
=
×
× −
The worst-case RMS current requirement occurs when
operating with D = 0.5. At this point, the above equation
simplifies to IRMS = 0.5 x IOUT.
For the MAXM17543 system (IN) supply, ceramic capaci-
tors are preferred due to their resilience to inrush surge
currents typical of systems, and due to their low parasitic
inductance that helps reduce the high-frequency ring-
ing on the IN supply when the internal MOSFETs are
turned off. Choose an input capacitor that exhibits less
than +10°C temperature rise at the RMS input current for
optimal circuit longevity.
Figure 1. Adjustable Output Voltage
RU
RB
VOUT
OUT
FB
MAXM17543
www.maximintegrated.com
Maxim Integrated │ 14
MAXM17543
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step-Down
Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com