Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAXM17543
Description  4.5V to 42V, 2.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAXM17543_V01 Datasheet HTML 12Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 13Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 14Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 15Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 16Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 17Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 18Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 19Page - Maxim Integrated Products MAXM17543_V01 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Output Capacitor Selection
The X7R ceramic output capacitors are preferred due to
their stability over temperature in industrial applications.
The minimum recommended output capacitor values
in Table 1 are for desired output voltages to support
a dynamic step load of 50% of the maximum output
current in the application. For additional adjustable output
voltages, the output capacitance value is derived from the
following equation:
STEP
RESPONSE
OUT
OUT
It
C
2V
×
=
×∆
C
0.33
RESPONSE
f
SW
1
t
f
≈+
where ISTEP is the step load transient, tRESPONSE is the
response time of the controller, ∆VOUT is the allowable
output ripple voltage during load transient, fC is the target
closed-loop crossover frequency, and fSW is the switching
frequency. Select fC to be 1/9th of fSW or 55kHz if the fSW
greater than 500kHz.
Loop Compensation
The MAXM17543 integrates the internal compensation
to stabilize the control loop. Only the device requires a
combination of output capacitors and feedback resistors
to program the closed-loop crossover frequency (fC) at
1/9th of switching frequency. Use Table 1 to select component
values to compensate with appropriate operating switching
frequency. Connect a 0402 ceramic capacitor from CF
to FB to correct frequency response with switching
frequency below 500kHz. Place a 2.2pF capacitor for
switching frequency below 300kHz, 1.2pF for switching
frequency range of 300kHz to 500kHz.
Setting the Switching Frequency (RT)
The switching frequency range of 100kHz to 1.8MHz are
recommended from Table 1 for desired input and output
voltages. The switching frequency of MAXM17543 can be
programmed by using a single resistor (RRT) connected
from the RT pin to SGND. The calculation of RRT resistor
is given by the following equation:
RT
SW
21000
R
1.7
f
≈−
where RRT is in kΩ and fSW is in kHz. Leaving the RT
pin open to operate at the default switching frequency of
500kHz.
Soft-Start Capacitor Selection
The device implements an adjustable soft-start opera-
tion to reduce inrush current during startup. A capacitor
(CSS) connected from the SS pin to SGND to program the
soft-start time. The selected output capacitance (CSEL)
and the output voltage (VOUT) determine the minimum
value of CSS, as shown by the following equation:
3
SS
SEL
OUT
C
28 10
C
V
−
≥×
×
×
where CSS is in nF and CSEL is in µF.
The value of the soft-start capacitor is calculated from the
desired soft-start time as follows:
CSS
SS
t
5.55
≈
where tSS is in ms and CSS is in nF.
Detailed Description
The MAXM17543 is a complete step-down DC-DC power
supply that delivers up to 2.5A output current. The device
provides a programmable output voltage to regulate up
to 12V through external resistor dividers from an input
voltage range of 4.5V to 42V. The recommended input
voltage in Table 1 is selected highly enough to support
the desired output voltage and load current. The device
includes an adjustable frequency feature range from
100kHz to 1.8MHz to reduce sizes of input and output
capacitors. The Functional Diagram shows a complete
internal block diagram of the MAXM17543 power module.
Input Undervoltage-Lockout Level
The MAXM17543 contains an internal pullup resistor
(3.3MΩ) from EN to IN to have a default startup voltage.
The device offers an adjustable input undervoltage-
lockout level to set the voltage at which the device is
turned on by a single resistor connecting from EN/UVLO
to SGND as equation:
ENU
INU
3.3 1215
R
(V
1.215)
×
≈
−
where RENU is in kΩ and VINU is the voltage at which
the device is required to turn on the device. Ensure that
VINU is high enough to support the VOUT. See Table 1
to set the proper VINU voltage greater than or equal the
minimum input voltage for each desired output voltage.
www.maximintegrated.com
Maxim Integrated │ 16
MAXM17543
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step-Down
Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com