Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL Datasheet(PDF) 3 Page - Schurter Inc.

Part # ASL
Description  LED Holder with 3 mm LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ASL Datasheet(HTML) 3 Page - Schurter Inc.

  ASL Datasheet HTML 1Page - Schurter Inc. ASL Datasheet HTML 2Page - Schurter Inc. ASL Datasheet HTML 3Page - Schurter Inc. ASL Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Indicators
ASL
https://www.schurter.com /PG10
Switches
gerade Anschlüsse
straight contacts
0035.9620.
0035.9621.
0035.9622.
0035.9623.
0035.9624.
0035.9625.
0035.9626.
0035.9627.
Anschlüsse abgewinkelt
contacts angled 90°
0035.9640.
0035.9641.
0035.9642.
0035.9643.
0035.9644.
0035.9645.
0035.9646.
0035.9647.
1
1
1
1
2
2
2
2
3
3
3
3
4
4
4
4
5
5
5
5
6
6
6
6
7
7
7
7
8
8
8
8
9
9
9
9
Die Farbwahl erfolgt von links nach rechts.
* Bei ungerader Anzahl von LED‘s
muss der letzte Index entweder
1, 4 oder 7 lauten.
The colour is advised from
the left to the right side.
* If the number of LED‘s is uneven
the last index must be 1, 4 or 7.
Farbe der LED
Colour of LED
rot/rot
red/red
rot/grün
red/green
rot/gelb
red/yellow
grün/grün
green/green
grün/rot
green/red
grün/gelb
green/yellow
gelb/gelb
yellow/yellow
gelb/rot
yellow/red
gelb/grün
yellow/green
*
*
*
*
*
*
*
*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com