Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL Datasheet(PDF) 4 Page - Schurter Inc.

Part # ASL
Description  LED Holder with 3 mm LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ASL Datasheet(HTML) 4 Page - Schurter Inc.

  ASL Datasheet HTML 1Page - Schurter Inc. ASL Datasheet HTML 2Page - Schurter Inc. ASL Datasheet HTML 3Page - Schurter Inc. ASL Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Indicators
ASL
https://www.schurter.com /PG10
Switches
All Variants
Terminal direction
Type
Color LED
Color LED
Color LED
Color LED
Order Number
angled
1x1 Array
green¹
-
-
-
0035.9640.4
█
angled
1x1 Array
yellow¹
-
-
-
0035.9640.7
angled
2x4 Array
green¹ / yellow²
green³ / yellow
⁴
green
⁵ / yellow⁶
green
⁷ / yellow⁸
0035.9678.6666
In-line: The color is advised from the left to the right side. If the number of LED's is uneven the last index must be 1, 4 or 7.
In blocks: The color is advised from the buttom to the top (from the left to the right).
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
100 pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com