Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL Datasheet(PDF) 1 Page - Schurter Inc.

Part # ASL
Description  LED Holder with 3 mm LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ASL Datasheet(HTML) 1 Page - Schurter Inc.

  ASL Datasheet HTML 1Page - Schurter Inc. ASL Datasheet HTML 2Page - Schurter Inc. ASL Datasheet HTML 3Page - Schurter Inc. ASL Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Indicators
ASL
https://www.schurter.com /PG10
Switches
LED Holder with 3 mm LED
LED Holder with 3 mm LED
1 Indicator
LED Holder with 3 mm LED
2 Indicator
LED yellow
See below:
Approvals and Compliances
Description
- PCB
- Up to 8 holders possible
- Arrangement in-line and in blocks
- Illumination with 3 mm LED
- Terminals angled or straight
Weblinks
pdf data sheet, html datasheet, CAD-Drawings, Detailed request for
product
Technical Data
Climatical Data
Allowable Operation Temp.
-25 to 85 °C
Storage Temperature
-55 to 100 °C
Soldering Data
Solderability
235 °C / 2 sec acc. to IEC 60068-2-
20 , Test Ta, method 1
Resistance to Soldering Heat
260 °C / 5 sec acc. to IEC 60068-2-
20 , Test Tb, method 1A
Material
Socket
Thermoplastic
LED
LED
Technical data LED see separate table
Technical Data LED
LED red
LED green
LED yellow
Let-through courrent DC IF max.
30 mA
30 mA
30 mA
Power Loss PV max.
100 mW
100 mW
100 mW
Forward voltage
typ. 2.0 V; max. 3.0 V
typ. 2.4 V; max. 3.0 V
typ. 2.4 V; max. 3.0 V
Luminous intensity
min. 6.3 mcd; typ. 10 mcd
min. 6.3 mcd; typ. 10 mcd
min. 6.3 mcd; typ. 12 mcd
Viewing angle
60°
60°
60°
Peak wave lenght
typ. 635 nm
typ. 565 nm
typ. 585 nm
Reverse voltage
typ. 15 V
typ. 15 V
typ. 15 V
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - ASL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
logo
Schurter Inc.
ASL SCHURTER-ASL Datasheet
362Kb / 4P
LED Holder with 3 mm LED
logo
M-System Co.,Ltd.
ASL MSYSTEM-ASL Datasheet
130Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
Astrodyne Corporation
ASL-0100 ASTRODYNE-ASL-0100 Datasheet
711Kb / 3P
10W Ultraminiature Open Frame Global Switching Power Supplies
ASL-0100 ASTRODYNE-ASL-0100 Datasheet
678Kb / 3P
10W Ultraminiature Open Frame Global Switching Power Supplies
More results

Similar Description - ASL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-H322XXXX ETC-L-H322XXXX Datasheet
75Kb / 1P
3.0mm Dia LED LAMP, WITH LED-308 HOLDER
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
PBL SCHURTER-PBL Datasheet
190Kb / 2P
LED Holder angled with 3 mm LED
SRL SCHURTER-SRL Datasheet
309Kb / 3P
LED Holder straight or angled with 3 mm and 5 mm LED
LFM SCHURTER-LFM Datasheet
252Kb / 2P
LED Reflector Holder round with 5 mm LED
ASL SCHURTER-ASL Datasheet
362Kb / 4P
LED Holder with 3 mm LED
LFM SCHURTER-LFM_V01 Datasheet
290Kb / 3P
LED Reflector Holder round with 5 mm LED
11.01.2021
LFM SCHURTER-LFM_V02 Datasheet
290Kb / 3P
LED Reflector Holder round with 5 mm LED
04.01.2022
AST SCHURTER-AST_V02 Datasheet
360Kb / 4P
LED Holder for 3 mm and 5 mm LED
04.01.2022
PBL SCHURTER-PBL_V02 Datasheet
236Kb / 2P
LED Holder angled with 3 mm LED
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com