Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412FDJ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG412FDJ
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG412FDJ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG412FDJ Datasheet HTML 1Page - Maxim Integrated Products DG412FDJ Datasheet HTML 2Page - Maxim Integrated Products DG412FDJ Datasheet HTML 3Page - Maxim Integrated Products DG412FDJ Datasheet HTML 4Page - Maxim Integrated Products DG412FDJ Datasheet HTML 5Page - Maxim Integrated Products DG412FDJ Datasheet HTML 6Page - Maxim Integrated Products DG412FDJ Datasheet HTML 7Page - Maxim Integrated Products DG412FDJ Datasheet HTML 8Page - Maxim Integrated Products DG412FDJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The DG411F/DG412F/DG413F are quad, single-pole/sin-
gle-throw (SPST), fault-protected analog switches. They
are pin compatible with the industry-standard nonprotect-
ed DG411/DG412/DG413. These new switches feature
fault-protected inputs and Rail-to-Rail® signal-handling
capability. All terminals are protected from overvoltage
faults up to ±36V with power on and up to ±40V with
power off. During a fault condition, the COM, NO, or NC
terminal becomes an open circuit and only microamperes
of leakage current flow from the source. On-resistance
is 35Ω (max) and is matched between switches to 1.5Ω
(max) at +25°C.
The DG411F has four normally closed (NC) switches.
The DG412F has four normally open (NO) switches. The
DG413F has two NC and two NO switches. These CMOS
switches operate with dual power supplies ranging from
±4.5V to ±20V or a single supply between +9V and +36V.
All digital inputs have +0.8V and +2.4V logic thresholds,
ensuring both TTL and CMOS logic compatibility when
using ±15V or a single +12V supply.
For supply voltages of ±5V, +5V, and +3V, refer to the
MAX4711/MAX4712/MAX4713 data sheet.
Applications
● Communication Systems
● Signal Routing
● Test Equipment
● Data Acquisition
● Industrial and Process Control Systems
● Avionics
● Redundant/Backup Systems
Benefits and Features
● No Power-Supply Sequencing Required
● Rail-to-Rail Signal Handling
● All Switches Off with Power Off
● All Switches Off when V+ is Off and V- is On
● ±40V Fault Protection with Power Off
● ±36V Fault Protection with ±15V Supplies
● Control Line Fault Protection from
V- - 0.3V to V- + 40V
● Pin Compatible with Industry-Standard
DG411/DG412/DG413
● 20ns (typ) Fault Response Time
● 35Ω (max) RON with ±15V Supplies
● ±4.5V to ±20V Dual Supplies
● +9V to +36V Single Supply
● TTL- and CMOS-Compatible Logic Inputs with
±15V or Single +9V to +15V Supplies
19-2418; Rev 1; 3/21
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Ordering Information appears at end of data sheet.
DG411F/DG412F/
DG413F
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
EVALUATION KIT AVAILABLE
Click
here to ask about the production status of specific part numbers.


Similar Part No. - DG412FDJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG412FDJ MAXIM-DG412FDJ Datasheet
445Kb / 16P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
More results

Similar Description - DG412FDJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com