Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63-WRT-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-W63-WRT-RPS
Description  External Panel-Mount WiFi 6 Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63-WRT-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-W63-WRT-RPS Datasheet HTML 1Page - Linx Technologies ANT-W63-WRT-RPS Datasheet HTML 2Page - Linx Technologies ANT-W63-WRT-RPS Datasheet HTML 3Page - Linx Technologies ANT-W63-WRT-RPS Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Brief
ANT-W63-WRT-UFL shown
The Linx ANT-W63-WRT-ccc is a low-profile,
panel-mount dipole antenna designed for superior
performance in WiFi 6/WiFi 6E applications in the
2.4 GHz, 5 GHz and 6 GHz bands.
The ANT-W63-WRT antenna’s compact size and
tamper-resistant design allow it to be mounted
securely in enclosures requiring added security.
The ANT-W63-WRT antenna is designed with an
integrated counterpoise that eliminates the need
for additional ground plane in the product making
it ideal for applications with non-conductive or RF-
transparent enclosures.
Connector options for the ANT-W63-WRT antenna
are: SMA plug (male pin), RP-SMA plug (female
socket), MHF1/ U.FL-type plug (female socket) or
MHF4-type plug (female socket).
ANT-W63-WRT-ccc
External Panel-Mount WiFi 6 Antenna
Ordering Information
Part Number
Description
ANT-W63-WRT-MHF4
Antenna with 216 mm (8.5 in) lead (counterpoise and 1.13 mm coaxial cable)
with an MHF4-type plug (female socket)
ANT-W63-WRT-RPS
Antenna with 216 mm (8.5 in) lead (counterpoise and RG-174 coaxial cable)
with an RP-SMA plug (female socket)
ANT-W63-WRT-SMA
Antenna with 216 mm (8.5 in) lead (counterpoise and RG-174 coaxial cable)
with an SMA plug (male pin)
ANT-W63-WRT-UFL
Antenna with 216 mm (8.5 in) lead (counterpoise and 1.32 mm coaxial cable)
with an MHF1/U.FL-type plug (female socket)
Available from Linx Technologies and select distributors and representatives.
Features
• Performance at 5.15 GHz to 5.85 GHz
― VSWR: ≤ 1.4
― Peak Gain: 4.5 dBi
― Efficiency: 84%
• Performance at 5.925 GHz to 7.125 GHz
― VSWR: ≤ 2.2
― Peak Gain: 6.4 dBi
― Efficiency: 62%
• Low-profile
― Mounted height: 27.0 mm (1.10 in)
• Ground Plane independent
Applications
• WiFi/WLAN coverage
― WiFi 6E (802.11ax)
― WiFi 6 (802.11ax)
― WiFi 5 (802.11ac)
― WiFi 4 (802.11n)
― 802.11b/g
• 2.4 GHz ISM applications
― Bluetooth®
― ZigBee®
• U-NII bands 1-8
• Internet of Things (IoT) devices
• Smart Home networking
• Sensing and remote monitoring


Similar Part No. - ANT-W63-WRT-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-W63-MON-RPS LINX-ANT-W63-MON-RPS Datasheet
1Mb / 24P
WiFi 6 Monopole Whip Antenna
2021
ANT-W63-MON-SMA LINX-ANT-W63-MON-SMA Datasheet
1Mb / 24P
WiFi 6 Monopole Whip Antenna
2021
More results

Similar Description - ANT-W63-WRT-RPS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SH0319E PULSE-SH0319E Datasheet
470Kb / 5P
WIFI ANTENNA
logo
Raltron Electronics Cor...
RPC-W2-P-35-70-G RALTRON-RPC-W2-P-35-70-G Datasheet
213Kb / 2P
WiFi ANTENNA
RST-W2-P-67-SMA-G RALTRON-RST-W2-P-67-SMA-G Datasheet
156Kb / 2P
WiFi ANTENNA
RST-8002200-P-51-SMAM-H RALTRON-RST-8002200-P-51-SMAM-H Datasheet
114Kb / 1P
WiFi ANTENNA
RST-2400-P-190-IPEX-H RALTRON-RST-2400-P-190-IPEX-H Datasheet
117Kb / 1P
WiFi ANTENNA
RST-W2-P-105-SMA-H RALTRON-RST-W2-P-105-SMA-H Datasheet
100Kb / 1P
WiFi ANTENNA
RST-W2-P-195-RPSMA-W-G RALTRON-RST-W2-P-195-RPSMA-W-G Datasheet
132Kb / 2P
WiFi ANTENNA
logo
Linx Technologies
ANT-W63-MON-RPS LINX-ANT-W63-MON-RPS Datasheet
1Mb / 24P
WiFi 6 Monopole Whip Antenna
2021
ANT-916-WRT-SMA LINX-ANT-916-WRT-SMA Datasheet
1Mb / 12P
915 MHz External Panel-Mount Antenna
2021
ANT-W63WS1 LINX-ANT-W63WS1 Datasheet
1Mb / 14P
Blade-Style Dipole WiFi 6 Antenna
2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com