Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63-WRT-RPS Datasheet(PDF) 3 Page - Linx Technologies

Part # ANT-W63-WRT-RPS
Description  External Panel-Mount WiFi 6 Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63-WRT-RPS Datasheet(HTML) 3 Page - Linx Technologies

  ANT-W63-WRT-RPS Datasheet HTML 1Page - Linx Technologies ANT-W63-WRT-RPS Datasheet HTML 2Page - Linx Technologies ANT-W63-WRT-RPS Datasheet HTML 3Page - Linx Technologies ANT-W63-WRT-RPS Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Product Brief
ANT-W63-WRT-ccc
VSWR
Figure 3 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes
the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna
performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge
of the percentage of transmitter power reflected back from the antenna.
0
10
20
30
40
50
1
2
3
4
5
2400 2700 3000 3300 3600 3900 4200 4500 4800 5100 5400 5700 6000 6300 6600 6900 7200
Frequency (MHz)
Figure 3. ANT-W63-WRT-ccc VSWR with Frequency Band Highlights
Recommended Mounting
The recommended enclosure mounting dimensions are shown in Figure 2. The ANT-W63-WRT series
antenna is supplied with an integrated closed-cell pressure sensitive adhesive ring which helps seal
enclosures against external elements. The adhesive ring has a protective plastic backing that must be
removed prior to installation. A pull tab has been provided for easy removal of the protective backing. The
antenna can be permanently mounted using the provided hex nut which should be tightened to 3.0 kgf/cm
(5 in/lbs) max. The recommended maximum enclosure wall thickness is 3.18 mm (0.125 in).
Ø10.8 mm
(0.43 in)
Recommended Mounting
8.0 mm
(0.32 in)
85.0 mm
(3.35 in)
85.0 mm (3.35 in)
26.8 mm
(1.06 in)
Adhesive Ring
Ø19.0 mm
(0.75 in)
Cable Length =
216.0 mm (8.5 in)
Ø5.3 mm
(0.21 in)
Counterpoise
27.0 mm
(1.10 in)
Adhesive Ring
Hex Nut
Ø19.0 mm
(0.75 in)
7.8 mm
(0.31 in)
Ø5.3 mm (0.21 in)
Counterpoise
216.0 mm (8.5 in)
SMA, RPS
MHF1/U.FL
MHF4
RG-174A/U
Coax type
1.32 mm
1.13 mm
Figure 2. ANT-W63-WRT-ccc Series Antenna Recommended Enclosure Mounting Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com