Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63-WRT-RPS Datasheet(PDF) 2 Page - Linx Technologies

Part # ANT-W63-WRT-RPS
Description  External Panel-Mount WiFi 6 Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63-WRT-RPS Datasheet(HTML) 2 Page - Linx Technologies

  ANT-W63-WRT-RPS Datasheet HTML 1Page - Linx Technologies ANT-W63-WRT-RPS Datasheet HTML 2Page - Linx Technologies ANT-W63-WRT-RPS Datasheet HTML 3Page - Linx Technologies ANT-W63-WRT-RPS Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Product Brief
ANT-W63-WRT-ccc
Product Dimensions
Figure 1 provides dimensions for the ANT-W63-WRT series antennas.
Ø10.8 mm
(0.43 in)
Recommended Mounting
8.0 mm
(0.32 in)
85.0 mm
(3.35 in)
85.0 mm (3.35 in)
26.8 mm
(1.06 in)
Adhesive Ring
Ø19.0 mm
(0.75 in)
Cable Length =
216.0 mm (8.5 in)
Ø5.3 mm
(0.21 in)
Counterpoise
27.0 mm
(1.10 in)
Adhesive Ring
Hex Nut
Ø19.0 mm
(0.75 in)
7.8 mm
(0.31 in)
Ø5.3 mm (0.21 in)
Counterpoise
216.0 mm (8.5 in)
SMA, RPS
MHF1/U.FL
MHF4
RG-174A/U
Coax type
1.32 mm
1.13 mm
Figure 1. ANT-W63-WRT-ccc Antenna Dimensions
Packaging Information
The ANT-W63-WRT-ccc antenna is placed in a clear plastic sleeve and sealed in clear plastic bags in
quantities of 50 pcs. Bags are packaged in cartons of 250 (5 bags). Distribution channels may offer
alternative packaging options.
Table 1. Electrical Specifications
ANT-W63-WRT
ISM/WiFi
WiFi/U-NII 1-3
WiFi 6E
Frequency Range
2400 MHz to 2485 MHz
5150 MHz to 5850 MHz
5925 MHz to 7125 MHz
VSWR (max.)
1.5
1.4
2.2
Peak Gain (dBi)
4.5
4.5
6.4
Average Gain (dBi)
-1.1
-1.0
-2.5
Efficiency (%)
79
84
62
Impedance
50
Ω
Wavelength
1/2-wave
Electrical Type
Dipole
Polarization
Linear
Radiation
Omnidirectional
Max Power
5 W
Electrical specifications and plots measured with the antenna at the center of a 102 mm x 102 mm (4.0 in x 4.0 in) ground plane.
Table 2. Mechanical Specifications
Parameter
Value
Operating Temp. Range
-40 °C to +90 °C
Weight
-RPS & -SMA = 14.5 g (0.50 oz), -UFL = 9.6 g (0.30 oz), -MHF4 = 9.6 g (0.30 oz)
Connection
MHF1/U.FL-type plug (female socket) on 1.32 mm coax cable
MHF4-type plug (female socket) on 1.13 mm coaxial cable
RP-SMA plug (female socket) on RG-174 coax cable
SMA plug (male pin) on RG-174 coax cable
Coaxial Cable, minimum
inside bend radius
RG-174: 9.9 mm (0.40 in), 1.13 mm: 4.5 mm (0.18 in), 1.32 mm: 5.5 mm (0.22 in)
Dimensions
Height: 27.0 mm (1.10 in), Diameter: 19.0 mm (0.75 in)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com