Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCS01-R Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # CCS01-R
Description  Car charger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

CCS01-R Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  CCS01-R Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Accessories
CC S01-R
Car charger
Technical Data
General specifications
Color
black
Mechanical specifications
Connection
2-pole 12 V plug connector on USB socket (type A)
Input: U 12 – 24V / 1A DC
Output: U 5.0V / 2A DC
Mass
approx. 20 g
Suitable series
Series
Tab-Ex® DZ1 , Tab-Ex® DZ2 , Smart-Ex® 02
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - CCS01-R

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CCS020M12CM2 CREE-CCS020M12CM2 Datasheet
1,012Kb / 10P
Six-Pack (Three Phase) Module
logo
List of Unclassifed Man...
CCS022 ETC2-CCS022 Datasheet
134Kb / 1P
C STRAIGHT PLUG FOR ECS CABLE 310801
logo
Cree, Inc
CCS050M12CM2 CREE-CCS050M12CM2 Datasheet
701Kb / 8P
1.2kV, 50A Silicon Carbide Six-Pack (Three Phase) Module
More results

Similar Description - CCS01-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280001C2 TRIPPLITE-U280001C2 Datasheet
496Kb / 2P
USB Tablet - Phone Car Charger, 5V - 2.4A
U280002C12 TRIPPLITE-U280002C12 Datasheet
504Kb / 2P
Dual USB Tablet - Phone Car Charger, 5V - 3.1A
U280-001-C2 TRIPPLITE-U280-001-C2 Datasheet
506Kb / 2P
USB Tablet / Phone Car Charger, 5V 2.4A / 12W
U280-002-C12 TRIPPLITE-U280-002-C12 Datasheet
516Kb / 2P
Dual USB Tablet / Phone Car Charger, 5V 3.1A / 15.5W
logo
Shenzhen Huazhimei Semi...
HM1494 HMSEMI-HM1494 Datasheet
475Kb / 6P
Car charger
HM1495 HMSEMI-HM1495 Datasheet
1Mb / 11P
Car charger
HM1496 HMSEMI-HM1496 Datasheet
1Mb / 11P
Car charger
HM3514 HMSEMI-HM3514 Datasheet
441Kb / 7P
Car charger
logo
IOGEAR
GPAC2U4 IOGEAR-GPAC2U4 Datasheet
144Kb / 3P
GearPower Dual USB 4.2A Car Charger
logo
Tripp Lite. All Rights ...
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com