Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63WS1-RPS Datasheet(PDF) 12 Page - Linx Technologies

Part # ANT-W63WS1-RPS
Description  Blade-Style Dipole WiFi 6 Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63WS1-RPS Datasheet(HTML) 12 Page - Linx Technologies

Back Button ANT-W63WS1-RPS Datasheet HTML 6Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 7Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 8Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 9Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 10Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 11Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 12Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 13Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 14Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
Datasheet
ANT-W63WS1 Series
5150 MHz to 5850 MHz (5500 MHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
5150 MHz
5500 MHz
5850 MHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
2400 MHz to 2485 MHz (2450 MHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
2400 MHz
2450 MHz
2490 MHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
Radiation Patterns
Radiation patterns provide information about the directionality and 3-dimensional gain performance of the
antenna by plotting gain at specific frequencies in three orthogonal planes. Antenna radiation patterns for
an edge of ground plane bent 90 degree orientation are shown in Figure 16 using polar plots covering 360
degrees. The antenna graphic at the top of the page provides reference to the plane of the column of plots
below it. Note: when viewed with typical PDF viewing software, zooming into radiation patterns is possible
to reveal fine detail.
Radiation Patterns - Edge of Ground Plane Bent 90 Degrees
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com