Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63WS1-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-W63WS1-RPS
Description  Blade-Style Dipole WiFi 6 Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63WS1-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-W63WS1-RPS Datasheet HTML 1Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 2Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 3Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 4Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 5Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 6Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 7Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 8Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Datasheet
ANT-W63WS1 Series
Blade-Style Dipole WiFi 6 Antenna
Ordering Information
Part Number
Description
ANT-W63WS1-SMA
WiFi 6 blade-style antenna with SMA plug (male pin) connector
ANT-W63WS1-RPS
WiFi 6 blade-style antenna with RP-SMA plug (female socket) connector
Available from Linx Technologies and select distributors and representatives.
The Linx ANT-W63WS1 series antenna is a
compact dipole blade-style antenna designed for
superior performance in the 2.4 GHz, 5 GHz and 6
GHz bands supporting both WiFi 6 and WiFi 6E.
The W63WS1 provides a ground plane
independent dipole antenna solution in a very
compact package. The hinged rotating design
allows for the antenna to be positioned for
optimum performance and reduces the potential
for damage from impact compared to a fixed whip
design. The antenna is available with an SMA
plug (male pin) or RP-SMA plug (female socket)
connector for FCC Part 15 compliant applications.
Features
• Performance at 5.15 GHz to 5.85 GHz
― VSWR: ≤ 1.7
― Peak Gain: 5.8 dBi
― Efficiency: 62%
• Performance at 5.925 GHz to 7.125 GHz
― VSWR: ≤ 2.3
― Peak Gain: 4.7 dBi
― Efficiency: 59%
• Compact, low-profile
― 85.5 mm x 16.4 mm x 11.5 mm
• Hinged, rotating design with detents for straight,
45 degree and 90 degree positioning
• SMA plug (male pin) or RP-SMA plug (female
socket) connection
Applications
• WiFi/WLAN coverage
― WiFi 6E (802.11ax)
― WiFi 6 (802.11ax)
― WiFi 5 (802.11ac)
― WiFi 4 (802.11n)
― 802.11b/g
• 2.4 GHz ISM applications
― Bluetooth®
― ZigBee®
• U-NII bands 1-8
• Internet of Things (IoT) devices
• Smart Home networking
• Sensing and remote monitoring


Similar Part No. - ANT-W63WS1-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-W63WS4-RPS LINX-ANT-W63WS4-RPS Datasheet
1Mb / 14P
Hinged Blade WiFi 6/6E Antenna
2022
ANT-W63WS4-SMA LINX-ANT-W63WS4-SMA Datasheet
1Mb / 14P
Hinged Blade WiFi 6/6E Antenna
2022
More results

Similar Description - ANT-W63WS1-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP810070100C ETC2-FXP810070100C Datasheet
465Kb / 7P
FXP.810 Freedom WIFI 2.4/4.9-6GHz Series Dipole Antenna
FXP810090100C ETC2-FXP810090100C Datasheet
474Kb / 7P
FXP.810 Freedom WIFI 2.4/4.9-6GHz Series Dipole Antenna
logo
Raltron Electronics Cor...
RDP-480-P-1200-BNC-3000-G RALTRON-RDP-480-P-1200-BNC-3000-G Datasheet
196Kb / 3P
DIPOLE ANTENNA
RDP-GPRS-P-300-SMAM RALTRON-RDP-GPRS-P-300-SMAM Datasheet
157Kb / 1P
DIPOLE ANTENNA
RDP-GPRS-P-300-SMAM-3000 RALTRON-RDP-GPRS-P-300-SMAM-3000 Datasheet
157Kb / 1P
DIPOLE ANTENNA
RPC-W2-P-35-70-G RALTRON-RPC-W2-P-35-70-G Datasheet
213Kb / 2P
WiFi ANTENNA
logo
Pulse A Technitrol Comp...
W5150 PULSE-W5150 Datasheet
1Mb / 8P
External / In-building 5G/4G Blade Dipole Antenna
logo
Linx Technologies
ANT-W63-MON-RPS LINX-ANT-W63-MON-RPS Datasheet
1Mb / 24P
WiFi 6 Monopole Whip Antenna
2021
ANT-W63-WRT-MHF4 LINX-ANT-W63-WRT-MHF4 Datasheet
565Kb / 4P
External Panel-Mount WiFi 6 Antenna
2021
ANT-W63WS4-SMA LINX-ANT-W63WS4-SMA Datasheet
1Mb / 14P
Hinged Blade WiFi 6/6E Antenna
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com