Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63WS1-RPS Datasheet(PDF) 2 Page - Linx Technologies

Part # ANT-W63WS1-RPS
Description  Blade-Style Dipole WiFi 6 Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63WS1-RPS Datasheet(HTML) 2 Page - Linx Technologies

  ANT-W63WS1-RPS Datasheet HTML 1Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 2Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 3Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 4Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 5Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 6Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 7Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 8Page - Linx Technologies ANT-W63WS1-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Datasheet
ANT-W63WS1 Series
Table 1. Electrical Specifications
ANT-W63WS1
ISM/WiFi
WiFi/U-NII 1-4
WiFi 6E/U-NII 5-8
Frequency Range
2400 MHz to 2485 MHz
5150 MHz to 5850 MHz
5925 MHz to 7125 MHz
VSWR (max)
2.3
1.7
2.3
Peak Gain (dBi)
7.7
5.8
4.7
Average Gain (dBi)
-2.4
-2.4
-2.6
Efficiency (%)
58
62
59
Cross-Polar Discrimination
Limit @ 360° beamwidth (dB)
> 22.5
> 6.0
> 6.0
Beamwidth for XPD > 15 dB
360°
300°
340°
Polarization
Linear
Radiation
Omnidirectional
Max Power
5 W
Wavelength
1/2-wave
Electrical Type
Dipole
Impedance
50
Ω
Operating Temp. Range
-20 °C to +65 °C
Electrical specifications and plots measured with the antenna in a straight orientation.
Table 2. Mechanical Specifications
ANT-W63WS1
Connection
SMA plug (male pin) or RP-SMA plug (female socket)
Weight
10.3 g (0.36 oz)
Dimensions
85.5 mm x 16.4 mm x 11.5 mm (3.37 mm x 0.65 in x 0.45 in)
Product Dimensions
Figure 1
provides dimensions of the ANT-W63WS1 series antenna. The antenna whip can be tilted 90
degrees, with a detent at 45 degrees enabling the antenna to be oriented in any direction. The rotating base
allows for continuous positioning through 360 degrees even while installed.
85.5 mm
(3.37 in)
65.0 mm
(2.56 in)
16.4 mm
(0.65 in)
11.5 mm
(0.45 in)
33.6 mm
(1.32 in)
Ø9.5 mm
(0.37 in)
360° rotation
0°, 45°, 90°
Figure 1. ANT-W63WS1 Antenna Product Dimensions
Packaging Information
The W63WS1 antennas are individually placed in a clear plastic bag. Large quantities are packed in sealed,
labeled, clear PVC bags. Distribution channels may offer alternative packaging options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com