Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-FFF-ES Datasheet(PDF) 2 Page - Linx Technologies

Part # MDEV-FFF-ES
Description  ES Series Master Development System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-ES Datasheet(HTML) 2 Page - Linx Technologies

  MDEV-FFF-ES Datasheet HTML 1Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 2Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 3Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 4Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 5Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 6Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 7Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 8Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Table of Contents
1
Introduction
2
Ordering Information
3
ES Series Transmitter Development Boarad
4
ES Series Receiver Development Boarad
5
Using the Development Boards
5
Troubleshooting
6
The Prototyping Area
7
Using the Simplex Encoder / Decoder Section
7
Using the Data Squelch Circuit
8
Using the Encoder and Decoder
9
Range Testing
10
Host Interface Module
11
Master Development Software
11
About Antennas
12
Using the Boards as a Design Reference
12
In Closing
13
USB Host Interface Board Schematic
13
RS232 Host Interface Board Schematic
13
RF Section Schematic
14
Header Section Schematic
14
Squelch Circuit Schematic
14
Power Supply Section Schematic
15
Encoder/Decoder Section Schematic
Warning: Some customers may want Linx radio frequency (“RF”)
products to control machinery or devices remotely, including machinery
or devices that can cause death, bodily injuries, and/or property
damage if improperly or inadvertently triggered, particularly in industrial
settings or other applications implicating life-safety concerns (“Life and
Property Safety Situations”).
NO OEM LINX REMOTE CONTROL OR FUNCTION MODULE
SHOULD EVER BE USED IN LIFE AND PROPERTY SAFETY
SITUATIONS. No OEM Linx Remote Control or Function Module
should be modified for Life and Property Safety Situations. Such
modification cannot provide sufficient safety and will void the product’s
regulatory certification and warranty.
Customers may use our (non-Function) Modules, Antenna and
Connectors as part of other systems in Life Safety Situations, but
only with necessary and industry appropriate redundancies and
in compliance with applicable safety standards, including without
limitation, ANSI and NFPA standards. It is solely the responsibility
of any Linx customer who uses one or more of these products to
incorporate appropriate redundancies and safety standards for the Life
and Property Safety Situation application.
Do not use this or any Linx product to trigger an action directly
from the data line or RSSI lines without a protocol or encoder/
decoder to validate the data. Without validation, any signal from
another unrelated transmitter in the environment received by the
module could inadvertently trigger the action.
All RF products are susceptible to RF interference that can prevent
communication. RF products without frequency agility or hopping
implemented are more subject to interference. This module does not
have a frequency hopping protocol built in.
Do not use any Linx product over the limits in this data guide.
Excessive voltage or extended operation at the maximum voltage could
cause product failure. Exceeding the reflow temperature profile could
cause product failure which is not immediately evident.
Do not make any physical or electrical modifications to any Linx
product. This will void the warranty and regulatory and UL certifications
and may cause product failure which is not immediately evident.
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com