Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-FFF-ES Datasheet(PDF) 4 Page - Linx Technologies

Part # MDEV-FFF-ES
Description  ES Series Master Development System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-ES Datasheet(HTML) 4 Page - Linx Technologies

  MDEV-FFF-ES Datasheet HTML 1Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 2Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 3Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 4Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 5Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 6Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 7Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 8Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2
3
1
2
3
4
5
6
7
8
9
15
10
11
12
13
14
Ordering Information
Ordering Information
Part Number
Description
MDEV-***-ES-USB
ES Series Master Development System - USB
MDEV-***-ES-232
ES Series Master Development System - RS-232
*** = 869, 916MHz
Figure 2: Ordering Information
ES Series Transmitter Development Boarad
1. 9V Battery
2. DC Power Jack
3. On-Off Switch
4. Voltage Regulator
5. Host Interface Module
6. Prototype Area
7. Break-Out Header
8. ES Series Transmitter
9. RP-SMA Antenna Connector
10. MS Series Encoder
11. Baud Rate Selector Switches
12. MODE_IND LED
13. CREATE button
14. Buzzer Button (S3)
15. Relay Button (S2)
Figure 3: ES Series Transmitter Development Board
The Master Development System includes 2 development boards, one
set up for the transmitter and the other for the receiver, 2 ES Series
transmitters*, 2 ES Series receivers*, two CW Series antennas, 2 9V
batteries, demonstration software and full documentation.
*One part is soldered to the board, one extra for use on your first prototype board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com