Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-FFF-ES Datasheet(PDF) 5 Page - Linx Technologies

Part # MDEV-FFF-ES
Description  ES Series Master Development System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-ES Datasheet(HTML) 5 Page - Linx Technologies

  MDEV-FFF-ES Datasheet HTML 1Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 2Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 3Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 4Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 5Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 6Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 7Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 8Page - Linx Technologies MDEV-FFF-ES Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
–
–
–
–
4
5
Using the Development Boards
All of the module’s connections are made available to the designer via the
wire-wrap header (TS1 / TS2). Jumper shunts have been provided. These
shunts are placed across adjacent pins to control the routing of TX and RX
data. After unpacking the development system, attach an antenna to each
board, install the supplied 9V battery, and turn on the power switches. The
development board is now ready for use.
Troubleshooting
If the boards fail to work out of the box, then try the following:
• Check the battery to make sure it is not dead.
• Make sure that the antenna is connected.
• Make sure that the jumpers are set correctly.
• Ensure that the baud rate selector switches are set the same on both
boards.
• Create and learn a new address.
If all of these appear to be in order, then you can call 800-736-6677 or
e-mail techsupport@linxtechnologies.com.
ES Series Receiver Development Boarad
1. 9V Battery
2. DC Power Jack
3. On-Off Switch
4. Voltage Regulator
5. Host Interface Module
6. Prototype Area
7. Data Squelch Circuit
8. Break-Out Header
9. ES Series Receiver
10. RP-SMA Antenna Connector
11. MS Series Decoder
12. Baud Rate Selector Switches
13. MODE_IND LED
14. LEARN Button
15. Buzzer
16. Relay Output
Figure 4: ES Series Receiver Development Board
1
2
3
4
5
6
7
8
9
15
10
11
12
13
14
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com