Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB1203B3 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # FB1203B3
Description  Frequency / Counter Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FB1203B3 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  FB1203B3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FB1203B3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FB1203B3 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Frequency / Counter Input
FB1203B3
< 1-channel
< Input Ex ia
< Installation in suitable enclosures in Zone 1
< Module can be exchanged under voltage (hot swap)
< Input for frequency, counter, direction of rotation
< Digital input max. 15 kHz
< Positive or negative logic selectable
< Simulation mode for service operations (forcing)
< Line fault detection (LFD)
< Permanently self-monitoring
Function
The device accepts digital input signals of NAMUR sensors or mechanical contacts from the hazardous area.
Open and short-circuit line faults are detected.
The intrinsically safe inputs are galvanically isolated from the bus and the power supply.
Connection
Zone 1
Zone 0, 20
2-
1+
5-
4+
R1 = 2.2 kΩ
R2 = 10 kΩ
R1
R2
R1
R2
Dir.
I
Technical Data
Slots
Occupied slots
1
Supply
Connection
backplane bus
Rated voltage
Ur
12 V DC , only in connection with the power supplies FB92**
Power dissipation
0.65 W
Power consumption
0.65 W
Internal bus
Connection
backplane bus
Interface
manufacturer-specific bus to standard com unit
Digital input
Number of channels
1
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - FB1203B3

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB1203B PF-FB1203B Datasheet
513Kb / 3P
Frequency / Counter Input
More results

Similar Description - FB1203B3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M-7080D ETC2-M-7080D Datasheet
105Kb / 5P
Counter/Frequency Input Module LED Display
logo
WAGO Kontakttechnik Gmb...
750-404-000-003 WAGO-750-404-000-003 Datasheet
561Kb / 12P
Frequency Counter
750-404 WAGO-750-404 Datasheet
561Kb / 12P
Frequency Counter
logo
Pepperl+Fuchs Inc.
FB1203B PF-FB1203B Datasheet
513Kb / 3P
Frequency / Counter Input
FB1303B2 PF-FB1303B2 Datasheet
504Kb / 3P
Frequency / Counter Input
FB1203D PF-FB1203D Datasheet
513Kb / 3P
Frequency / Counter Input
LB1003A PF-LB1003A Datasheet
575Kb / 3P
Frequency / Counter Input
2021-12-01
LB1003C PF-LB1003C Datasheet
588Kb / 3P
Frequency / Counter Input
2021-12-01
LB1103A PF-LB1103A Datasheet
561Kb / 3P
Frequency / Counter Input
2021-12-08
LB1103C PF-LB1103C Datasheet
561Kb / 3P
Frequency / Counter Input
2021-12-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com