Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB1203B3 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # FB1203B3
Description  Frequency / Counter Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FB1203B3 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  FB1203B3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FB1203B3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FB1203B3 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data
Voltage
Uo
10.5 V
Current
Io
23.34 mA
Power
Po
61.27 mW (linear characteristic)
Galvanic isolation
Input/power supply, internal bus
safe electrical isolation acc. to EN 60079-11, voltage peak value 375 V
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013
EN 60079-1:2014
EN 60079-5:2015
EN 60079-7:2015
EN 60079-11:2012
International approvals
ATEX approval
Presafe 19 ATEX 14058U
IECEx approval
IECEx PRE 19.0013U
Approved for
Ex db eb q [ia Ga] IIC Gb
[Ex ia Da] IIIC
[Ex ia Ma] I
General information
System information
The module has to be mounted in appropriate backplanes and housings (FB92**) in
Zone 1, 2, 21, 22 or outside hazardous areas (gas or dust). Here, observe the
corresponding EC-type examination certificate.
Supplementary information
EC-Type Examination Certificate, Statement of Conformity, Declaration of Conformity,
Attestation of Conformity and instructions have to be observed where applicable. For
information see www.pepperl-fuchs.com.
Assembly
6
5
4
3
2
1
P
1
Front view
Power LED
green
Socket for
removable plug
blue (accessory)
Space for
labelling
Status LED
red
Accessories
FB9224*
Field Unit
FB9225*
Redundancy Field Unit
FB9248*
Field Unit
Frequency / Counter Input
FB1203B3
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com