Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB1203B3 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # FB1203B3
Description  Frequency / Counter Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FB1203B3 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  FB1203B3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FB1203B3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FB1203B3 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Function
Function
Counter
Function [2]
frequency
Function [3]
direction of rotation
Sensor interface
Connection
NAMUR sensor
Connection [2]
volt-free contact
Connection
channel I: 1+, 2/3-; direction: 4+, 5/6-
Rated values
acc. to EN 60947-5-6 (NAMUR)
Switching point/switching hysteresis
1.2 ... 2.1 mA / ± 0.2 mA
Internal resistor
Ri
1 kΩ
Line fault detection
can be switched on/off for each channel via configuration tool
Connection
mechanical switch with additional resistors (see connection diagram) proximity
switches without additional wiring
Short-circuit
< 360 Ω
Open-circuit
< 0.35 mA
Minimum pulse duration
20 ms
Operating frequency
0 ... 15 kHz ; in frequency + counter mode ... 40 Hz
Indicators/settings
LED indication
LED green: supply
LED red: line fault
Coding
optional mechanical coding via front socket
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1
Conformity
Electromagnetic compatibility
NE 21
Degree of protection
IEC 60529
Environmental test
EN 60068-2-14
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Damaging gas
EN 60068-2-42
Relative humidity
EN 60068-2-56
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
95 % non-condensing
Shock resistance
shock type I, shock duration 11 ms, shock amplitude 15 g, number of shocks 18
Vibration resistance
frequency range 10 ... 150 Hz; transition frequency: 57.56 Hz, amplitude/acceleration
± 0.075 mm/1 g; 10 cycles
frequency range 5 ... 100 Hz; transition frequency: 13.2 Hz amplitude/acceleration ± 1
mm/0.7 g; 90 minutes at each resonance
Damaging gas
designed for operation in environmental conditions acc. to ISA-S71.04-1985, severity
level G3
Mechanical specifications
Degree of protection
IP20 (module) , a separate housing is required acc. to the system description
Connection
removable front connector with screw flange (accessory)
wiring connection via spring terminals (0.14 ... 1.5 mm2) or screw terminals
(0.08 ... 1.5 mm2)
Mass
approx. 420 g
Dimensions
28 x 107 x 132 mm (1.1 x 4.2 x 5.2 inch)
Data for application in connection with hazardous areas
EU-type examination certificate
Presafe 19 ATEX 14058U
Marking
1
II 2(1)G Ex db eb q [ia Ga] IIC Gb
II (1)D [Ex ia Da] IIIC
I (M1) [Ex ia Ma] I
Input
Frequency / Counter Input
FB1203B3
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com