Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39300 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC39300
Description  3A, Low Voltage Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC39300 Datasheet(HTML) 4 Page - Microchip Technology

  MIC39300 Datasheet HTML 1Page - Microchip Technology MIC39300 Datasheet HTML 2Page - Microchip Technology MIC39300 Datasheet HTML 3Page - Microchip Technology MIC39300 Datasheet HTML 4Page - Microchip Technology MIC39300 Datasheet HTML 5Page - Microchip Technology MIC39300 Datasheet HTML 6Page - Microchip Technology MIC39300 Datasheet HTML 7Page - Microchip Technology MIC39300 Datasheet HTML 8Page - Microchip Technology MIC39300 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC39300/01/02
DS20006017B-page 4
2018 - 2022 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VIN).................................................................................................................................... –20V to +20V
Enable Voltage (VEN) ................................................................................................................................................+20V
ESD Rating (Note 1)................................................................................................................................... ESD Sensitive
Operating Ratings ‡
Supply Voltage (VIN)...................................................................................................................................+2.5V to +16V
Enable Voltage (VEN) ................................................................................................................................................+16V
Maximum Power Dissipation (PD(max)).................................................................................................................(Note 2)
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability. Specifications are for packaged product only.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended.
2: PD(max) = (TJ(max) – TA) ÷ θJA, where θJA depends upon the printed circuit layout. See the
Application Information section.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: TJ = 25°C, Bold values indicate –40°C ≤ TJ ≤ +125°C; unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
Output Voltage
VOUT
–1
1
%
10 mA
–2
2
%
10 mA ≤ IOUT ≤ 3A,VOUT + 1V ≤
VIN ≤ 8V
Line Regulation
ΔVOUT/ΔVIN
0.06
0.5
%
IOUT = 10 mA,VOUT + 1V ≤ VIN
8V
Load Regulation
ΔVOUT/VOUT
0.2
1
%
VIN = VOUT + 1V,10 mA ≤ IOUT
3A
Output Voltage Temperature
Coefficient (Note 1)
ΔVOUT/ΔT
20
100
ppm/°C —
Dropout Voltage (Note 2),
(Note 4)
VDO
65
200
mV
IOUT = 100 mA, ΔVOUT = –1%
185
mV
IOUT = 750 mA, ΔVOUT = –1%
250
mV
IOUT = 1.5A, ΔVOUT = –1%
385
550
mV
IOUT = 3A, ΔVOUT = –1%
Ground Current (Note 3)
IGND
10
20
mA
IOUT = 750 mA, VIN = VOUT + 1V
17
mA
IOUT = 1.5A, VIN = VOUT + 1V
45
mA
IOUT = 3A, VIN = VOUT + 1V
Dropout Ground Pin Current
IGND(do)
6
mA
VIN ≤ VOUT(nominal) –0.5V,
IOUT = 10 mA
Current Limit
IOUT(lim)
4.5
A
VOUT = 0V, VIN = VOUT + 1V
Enable Input (MIC39301)
Enable Input Voltage
VEN
0.8
V
Logic low (OFF)
2.5
V
Logic high (ON)
Enable Input Current
IIN
15
75
µA
VEN = 2.5V
90
µA
VEN = 16V
4
µA
VEN = 0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com