Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39300 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC39300
Description  3A, Low Voltage Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC39300 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC39300 Datasheet HTML 7Page - Microchip Technology MIC39300 Datasheet HTML 8Page - Microchip Technology MIC39300 Datasheet HTML 9Page - Microchip Technology MIC39300 Datasheet HTML 10Page - Microchip Technology MIC39300 Datasheet HTML 11Page - Microchip Technology MIC39300 Datasheet HTML 12Page - Microchip Technology MIC39300 Datasheet HTML 13Page - Microchip Technology MIC39300 Datasheet HTML 14Page - Microchip Technology MIC39300 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006017B-page 11
MIC39300/01/02
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
MIC39300
Pin Number
MIC39301
Pin Number
MIC39302
Pin
Name
Description
—
1
1
EN
Enable (Input): TTL/CMOS compatible input.
Logic-high = enable; logic-low or open = shutdown.
1
2
2
IN
Unregulated Input: +16V maximum supply.
2, TAB
3, TAB
3, TAB
GND
Ground: Ground pin and TAB are internally connected.
3
4
4
OUT
Regulator Output.
—
5
—
FLG
Error Flag (Output): Open-collector indicates an output
fault condition. Active low.
—
—
5
ADJ
Adjustable Regulator Feedback Input: Connect to the
resistor voltage divider that is placed from OUT to GND
in order to set the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com