Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39300 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC39300
Description  3A, Low Voltage Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC39300 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC39300 Datasheet HTML 4Page - Microchip Technology MIC39300 Datasheet HTML 5Page - Microchip Technology MIC39300 Datasheet HTML 6Page - Microchip Technology MIC39300 Datasheet HTML 7Page - Microchip Technology MIC39300 Datasheet HTML 8Page - Microchip Technology MIC39300 Datasheet HTML 9Page - Microchip Technology MIC39300 Datasheet HTML 10Page - Microchip Technology MIC39300 Datasheet HTML 11Page - Microchip Technology MIC39300 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MIC39300/01/02
DS20006017B-page 8
2018 - 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
Ground Current vs. Supply
Voltage.
FIGURE 2-8:
Ground Current vs. Supply
Voltage.
FIGURE 2-9:
Ground Current vs.
Temperature.
FIGURE 2-10:
Ground Current vs.
Temperature.
FIGURE 2-11:
Ground Current vs.
Temperature.
FIGURE 2-12:
Short Circuit vs.
Temperature.
0
2
4
6
8
10
02
46
8
10
12
SUPPLY VOLTAGE (V)
I
LOAD = 10mA
I
LOAD = 100mA
0
10
20
30
40
50
60
70
80
90
100
02
46
8
10
12
SUPPLY VOLTAGE (V)
I
LOAD =
1000mA
I
LOAD = 3000mA
I
LOAD = 1500mA
0
1
2
3
4
5
6
7
8
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
I
LOAD = 10mA
V
OUT = 1.8V
V
OUT = 2.5V
0
5
10
15
20
25
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
I
LOAD = 1500mA
V
OUT = 1.8V
V
OUT = 2.5V
0
10
20
30
40
50
60
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
I
LOAD = 3000mA
V
OUT = 1.8V
V
OUT = 2.5V
0
1.0
2.0
3.0
4.0
5.0
6.0
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
typical 2.5V device
typical 1.8V device
V
IN =VOUT (NOM)
+ 1V
V
OUT = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com