Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP322ACPZ-135-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP322ACPZ-135-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322ACPZ-135-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP322ACPZ-135-R7 Datasheet HTML 1Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 2Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 3Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 4Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 5Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 6Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 7Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 8Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Triple, 200 mA, Low Noise,
High PSRR Voltage Regulator
Data Sheet
ADP322/ADP323
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fixed (ADP322) and adjustable output (ADP323) options
Bias voltage range (VBIAS): 2.5 V to 5.5 V
LDO input voltage range (VIN1/VIN2, VIN3): 1.8 V to 5.5 V
Three 200 mA low dropout voltage regulators (LDOs)
16-lead, 3 mm × 3 mm LFCSP
Initial accuracy: ±1%
Stable with 1 µF ceramic output capacitors
No noise bypass capacitor required
3 independent logic controlled enables
Overcurrent and thermal protection
Key specifications
High PSRR
76 dB PSRR up to 1 kHz
70 dB PSRR at 10 kHz
60 dB PSRR at 100 kHz
40 dB PSRR at 1 MHz
Low output noise
24 µV rms typical output noise at VOUT = 1.2 V
43 µV rms typical output noise at VOUT = 2.8 V
Excellent transient response
Low dropout voltage: 110 mV at 200 mA load
85 µA typical ground current at no load, all LDOs enabled
100 µs fast turn on circuit
Guaranteed 200 mA output current per regulator
−40°C to +125°C junction temperature
APPLICATIONS
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
Portable medical devices
Post dc-to-dc regulation
TYPICAL APPLICATION CIRCUITS
ADP322
VBIAS
VOUT1
GND
VBIAS
1µF
OFF
ON
EN1
OFF
ON
EN2
OFF
ON
EN3
+
1µF
+
LDO 1
EN LD1
VBIAS
VBIAS
VOUT2
1µF
+
LDO 2
EN LD2
VOUT3
1µF
+
LDO 3
EN LD3
2.5V TO
5.5V
VIN1/VIN2
VIN3
1µF
+
1.8V TO
5.5V
1.8V TO
5.5V
1µF
+
Figure 1. Typical Application Circuit for ADP322
ADP323
VBIAS
VOUT1
GND
VBIAS
1µF
OFF
ON
EN1
OFF
ON
EN2
OFF
ON
EN3
+
1µF
+
LDO 1
EN LD1
VBIAS
VBIAS
VOUT2
1µF
+
LDO 2
EN LD2
VOUT3
FB1
FB2
FB3
1µF
+
LDO 3
EN LD3
2.5V TO
5.5V
VIN1/VIN2
VIN3
1µF
+
1.8V TO
5.5V
1.8V TO
5.5V
1µF
+
Figure 2. Typical Application Circuit for ADP323
GENERAL DESCRIPTION
The ADP322/ADP323 200 mA triple output LDOs combine high
PSRR, low noise, low quiescent current, and low dropout voltage
to extend the battery life of portable devices and are ideally suited
for wireless applications with demanding performance and board
space requirements.
The ADP322/ADP323 PSRR is greater than 60 dB for frequencies
as high as 100 kHz while operating with a low headroom voltage.
The ADP322/ADP323 offer much lower noise performance than
competing LDOs without the need for a noise bypass capacitor.
The ADP322/ADP323 are available in a miniature 16-lead, 3 mm ×
3 mm LFCSP package and are stable with tiny 1 µF ±30% ceramic
output capacitors providing the smallest possible board area for
a wide variety of portable power needs.
The ADP322 is available in output voltage combinations ranging
from 0.8 V to 3.3 V and offers overcurrent and thermal protection
to prevent damage in adverse conditions. The ADP323 adjustable
triple LDO can be configured for any output voltage between
0.5 V and 5 V with two resistors for each output.


Similar Part No. - ADP322ACPZ-135-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP320 AD-ADP320 Datasheet
716Kb / 20P
Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
REV. 0
ADP3203 AD-ADP3203 Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3203JRU-085-RL AD-ADP3203JRU-085-RL Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3203JRU-10-RL AD-ADP3203JRU-10-RL Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3203JRU-10-RL7 AD-ADP3203JRU-10-RL7 Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
More results

Similar Description - ADP322ACPZ-135-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP320 AD-ADP320 Datasheet
716Kb / 20P
Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
REV. 0
logo
ON Semiconductor
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
logo
ON Semiconductor
NCP729 ONSEMI-NCP729 Datasheet
680Kb / 13P
200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 - Rev. 1
NCP700B ONSEMI-NCP700B_13 Datasheet
619Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Analog Devices
ADP220 AD-ADP220 Datasheet
586Kb / 20P
Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com