Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP322ACPZ-135-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP322ACPZ-135-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322ACPZ-135-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP322ACPZ-135-R7 Datasheet HTML 13Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 14Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 15Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 16Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 17Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 18Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 19Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 20Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADP322/ADP323
Rev. E | Page 17 of 24
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADP323 is supported by the ADIsimPower design tool set.
ADIsimPower is a collection of tools that produce complete
power designs optimized for a specific design goal. The tools
enable the user to generate a full schematic, bill of materials,
and calculate performance in minutes. ADIsimPower can
optimize designs for cost, area, efficiency, and parts count,
taking into consideration the operating conditions and limitations
of the IC and all real external components. For more information
about, and to obtain ADIsimPower design tools, visit
www.analog.com/ADIsimPower.
CAPACITOR SELECTION
Output Capacitor
The ADP322/ADP323 are designed for operation with small,
space-saving ceramic capacitors, but the devices function with
most commonly used capacitors as long as care is taken with the
effective series resistance (ESR) value. The ESR of the output
capacitor affects the stability of the LDO control loop. A minimum
of 0.70 µF capacitance with an ESR of 1 Ω or less is recommended
to ensure the stability of the ADP322/ADP323.
Transient response to changes in load current is also affected by
output capacitance. Using a larger value of output capacitance
improves the transient response of the ADP322/ADP323 to large
changes in the load current. Figure 51 shows the transient
response for an output capacitance value of 1 µF.
CH1 100mA
Ω
CH2 50mV
CH4 10mV
CH3 10mV
M40µs
A CH1
44mA
1
2
3
4
T 9.8%
ILOAD1
VOUT1
VOUT2
VOUT3
B
W
B
W
B
W
B
W
Figure 51. Output Transient Response,
ILOAD1 = 1 mA to 200 mA, ILOAD2 = 1 mA, ILOAD3 = 1 mA,
CH1 = ILOAD1, CH2 = VOUT1, CH3 = VOUT2, CH4 = VOUT3
Input Bypass Capacitor
Connecting a 1 µF capacitor from VIN1/VIN2, VIN3, and
VBIAS to GND reduces the circuit sensitivity to the PCB layout,
especially when long input traces or high source impedance is
encountered. If an output capacitance greater than 1 µF is
required, the input capacitor can be increased to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitor can be used with the ADP322/
ADP323, as long as the capacitor meets the minimum capacit-
ance and maximum ESR requirements. Ceramic capacitors are
manufactured with a variety of dielectrics, each with a different
behavior over temperature and applied voltage. Capacitors must
have an adequate dielectric to ensure the minimum capacitance
over the necessary temperature range and dc bias conditions. X5R
or X7R dielectrics with a voltage rating of 6.3 V or 10 V are
recommended. Y5V and Z5U dielectrics are not recommended
due to their poor temperature and dc bias characteristics.
Figure 52 depicts the capacitance vs. voltage bias characteristic
of a 0402 1 µF, 10 V, X5R capacitor. The voltage stability of a
capacitor is strongly influenced by the capacitor size and voltage
rating. In general, a capacitor in a larger package or with a higher
voltage rating exhibits better stability. The temperature variation
of the X5R dielectric is about ±15% over the −40°C to +85°C
temperature range and is not a function of the package or
voltage rating.
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
VOLTAGE (V)
Figure 52. Capacitance vs. Voltage Bias Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com