Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP322ACPZ-135-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP322ACPZ-135-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322ACPZ-135-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP322ACPZ-135-R7 Datasheet HTML 12Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 13Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 14Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 15Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 16Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 17Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 18Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 19Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP322/ADP323
Data Sheet
Rev. E | Page 16 of 24
THEORY OF OPERATION
The ADP322/ADP323 triple LDO are low quiescent current, LDOs
that operate from 1.8 V to 5.5 V on VIN1/VIN2 and VIN3 and
provide up to 200 mA of current from each output. Drawing a low
250 μA quiescent current (typical) at full load makes the ADP322/
ADP323 ideal for battery operated portable equipment. Shutdown
current consumption is typically 100 nA. Optimized for use with
small 1 µF ceramic capacitors, the ADP322/ADP323 provide
excellent transient performance.
Internally, the ADP322 consists of a reference, three error
amplifiers, three feedback voltage dividers, and three PMOS
pass transistors. Output current is delivered via the PMOS pass
device, which is controlled by the error amplifier. The error
amplifier compares the reference voltage with the feedback voltage
from the output and amplifies the difference. If the feedback voltage
is lower than the reference voltage, the gate of the PMOS device is
pulled lower, allowing more current to flow and increasing the
output voltage. If the feedback voltage is higher than the reference
voltage, the gate of the PMOS device is pulled higher, allowing
less current to flow and decreasing the output voltage.
0.5V
REF
OVERCURRENT
VOUT1
VOUT2
VOUT3
VIN1/VIN2
GND
EN1
VBIAS
VIN3
EN3
EN2
0.5V
REF
OVERCURRENT
0.5V
REF
OVERCURRENT
INTERNAL BIAS
VOLTAGES/CURRENTS,
UVLO AND THERMAL
PROTECT
SHUTDOWN
VOUT1
SHUTDOWN
VOUT2
SHUTDOWN
VOUT3
+
–
+
–
+
–
Figure 48. ADP322 Internal Block Diagram
The ADP323 differs from the ADP322 except in that the output
voltage dividers are internally disconnected and the feedback
inputs of the error amplifiers are brought out for each output.
0.5V
REF
OVERCURRENT
VOUT1
VOUT2
VOUT3
FB1
FB2
FB3
VIN1/VIN2
GND
EN1
VBIAS
VIN3
EN3
EN2
0.5V
REF
OVERCURRENT
0.5V
REF
OVERCURRENT
INTERNAL BIAS
VOLTAGES/CURRENTS,
UVLO AND THERMAL
PROTECT
SHUTDOWN
VOUT1
SHUTDOWN
VOUT2
SHUTDOWN
VOUT3
+
–
+
–
+
–
Figure 49. ADP323 Internal Block Diagram
The output voltage can be set using the following formulas:
VOUT = 0.5 V(1 + R1/R2) + (FBIN)(R1)
VOUT2 = 0.5 V(1 + R3/R4) + (FBIN)(R3)
VOUT3 = 0.5 V(1 + R5/R6) + (FBIN)(R5)
The value of R1, R3, R5 must be less than 200 kΩ to minimize
errors in the output voltage caused by the FBx pin input current.
For example, when R1 and R2 each equal 200 kΩ, the output
voltage is 1.0 V. The output voltage error introduced by the FBx
pin input current is 2 mV or 0.20%, assuming a typical FBx pin
input current of 10 nA at 25°C.
The ADP322 is available in multiple output voltage options
ranging from 0.8 V to 3.3 V.
The ADP322/ADP323 use the EN1/EN2 and EN3 pins to enable
and disable the VOUT1/VOUT2/VOUT3 pins under normal
operating conditions. When the EN1/EN2 and EN3 pins are high,
VOUT1/VOUT2/VOUT3 turn on; when the EN1/EN2 and EN3
pins are low, VOUT1/VOUT2/VOUT3 turn off. For automatic
startup, the EN1/EN2 and EN3 pins can be tied to VBIAS.
ADP323
VBIAS
VOUT1
GND
VBIAS
1µF
OFF
ON
EN1
OFF
ON
EN2
OFF
ON
EN3
+
1µF
+
LDO 1
EN LD1
VBIAS
VBIAS
VOUT2
1µF
+
LDO 2
EN LD2
VOUT3
1µF
+
LDO 3
EN LD3
2.5V TO
5.5V
VIN1/VIN2
VIN3
1µF
+
1.8V TO
5.5V
1.8V TO
5.5V
1µF
+
FB1
R2
R1
FB2
R4
R3
FB3
R6
R5
Figure 50. ADP323 Application Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com