Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP323ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP323ACPZ-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP323ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP323ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADP322/ADP323
Rev. E | Page 3 of 24
SPECIFICATIONS
VIN1/VIN2 = VIN3 = (VOUT + 0.5 V) or 1.8 V (whichever is greater), VBIAS = 2.5 V, EN1, EN2, EN3 = VBIAS, IOUT1 = IOUT2 = IOUT3 = 10 mA,
CIN = COUT1 = COUT2 = COUT3 = 1 µF, and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VOLTAGE RANGE
Input Bias Voltage Range
VBIAS
TJ = −40°C to +125°C
2.5
5.5
V
Input LDO Voltage Range
VIN1/VIN2/VIN3
TJ = −40°C to +125°C
1.8
5.5
V
CURRENT
Ground Current with All
Regulators On
IGND
IOUT = 0 µA
85
µA
IOUT = 0 µA, TJ = −40°C to +125°C
160
µA
IOUT = 10 mA
120
µA
IOUT = 10 mA, TJ = −40°C to +125°C
220
µA
IOUT = 200 mA
250
µA
IOUT = 200 mA, TJ = −40°C to +125°C
380
µA
Bias Voltage Input Current
IBIAS
66
µA
TJ = −40°C to +125°C
140
µA
Shutdown Current
IGND-SD
EN1 = EN2 = EN3 = GND
0.1
µA
EN1 = EN2 = EN3 = GND, TJ = −40°C to +125°C
2.5
µA
FEEDBACK INPUT CURRENT
FBIN
0.01
µA
VOLTAGE ACCURACY
Output Voltage Accuracy
(ADP322)
VOUT
−1
+1
%
100 µA < IOUT < 200 mA, VIN = (VOUT + 0.5 V) to 5.5 V,
TJ = −40°C to +125°C
−2
+2
%
Feedback Voltage Accuracy
(ADP323)1
VFB
0.495
0.5
0.505
V
100 µA < IOUT < 200 mA, VIN = (VOUT + 0.5 V) to 5.5 V,
TJ = −40°C to +125°C
0.490
0.510
V
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 0.5 V) to 5.5 V
0.01
%/V
VIN = (VOUT + 0.5 V) to 5.5 V, TJ = −40°C to +125°C
−0.03
+0.03
%/V
LOAD REGULATION2
∆VOUT/∆IOUT
IOUT = 1 mA to 200 mA
0.001
%/mA
IOUT = 1 mA to 200 mA, TJ = −40°C to +125°C
0.005
%/mA
DROPOUT VOLTAGE3
VDROPOUT
VOUT = 3.3 V
mV
IOUT = 10 mA
6
mV
IOUT = 10 mA, TJ = −40°C to +125°C
9
mV
IOUT = 200 mA
110
mV
IOUT = 200 mA, TJ = −40°C to +125°C
170
mV
START-UP TIME4
TSTART-UP
VOUT = 3.3 V, all VOUT initially off, enable any LDO
240
µs
VOUT = 0.8 V
100
µs
VOUT = 3.3 V, one VOUT initially on, enable second or
third LDO
160
µs
VOUT = 0.8 V
20
µs
CURRENT LIMIT THRESHOLD5
ILIMIT
250
360
600
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
155
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com