Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP323ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP323ACPZ-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP323ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP323ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP322/ADP323
Data Sheet
Rev. E | Page 4 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
EN INPUT
EN Input Logic High
VIH
2.5 V ≤ VBIAS ≤ 5.5 V
1.2
V
EN Input Logic Low
VIL
2.5 V ≤ VBIAS ≤ 5.5 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN1 = EN2 = EN3 = VIN or GND
0.1
µA
EN1 = EN2 = EN3 = VIN or GND,
TJ = −40°C to +125°C
1
µA
UNDERVOLTAGE LOCKOUT
UVLO
Input Bias Voltage (VBIAS)
Rising
UVLORISE
2.45
V
Input Bias Voltage (VBIAS)
Falling
UVLOFALL
2.0
V
Hysteresis
UVLOHYS
180
mV
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VIN = 5 V, VOUT = 3.3 V
50
µV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 2.8 V
43
µV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 2.5 V
40
µV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 1.2 V
24
µV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 0.5 V
14
µV rms
POWER SUPPLY REJECTION RATIO
PSRR
VIN = 1.8 V, VOUT = 0.8 V, IOUT = 100 mA
100 Hz
70
dB
1 kHz
70
dB
10 kHz
70
dB
100 kHz
60
dB
1 MHz
40
dB
VIN = 3.3 V, VOUT = 2.8 V, IOUT = 100 mA
100 Hz
68
dB
1 kHz
62
dB
10 kHz
68
dB
100 kHz
60
dB
1 MHz
40
dB
1
Accuracy when VOUTx is connected directly to FBx. When the VOUTx voltage is set by external feedback resistors, the absolute accuracy in adjust mode depends on
the tolerances of the resistors used.
2
Based on an end point calculation using 1 mA and 200 mA loads.
3
The dropout voltage specification applies only to output voltages greater than 1.8 V. Dropout voltage is defined as the input to output voltage differential when the
input voltage is set to the nominal output voltage.
4
Start-up time is defined as the time between the rising edge of ENx to VOUTx being at 90% of its nominal value.
5
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, that is, 2.7 V.
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
MINIMUM INPUT AND OUTPUT CAPACITANCE1
CMIN
TA = −40°C to +125°C
0.70
µF
CAPACITOR ESR
RESR
TA = −40°C to +125°C
0.001
1
Ω
1
The minimum input and output capacitance must be greater than 0.70 µF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended;
Y5V and Z5U capacitors are not recommended for use with LDOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com