Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP323ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP323ACPZ-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP323ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP323ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADP322/ADP323
Data Sheet
Rev. E | Page 14 of 24
CH1 100mA
CH2 50mV
CH3 10mV
CH4 10mV
M40µs
A CH1
44mA
1
2
3
4
T 9.8%
B
W
B
W
B
W
B
W
Ω
ILOAD1
VOUT1
VOUT2
VOUT3
Figure 41. Load Transient Response,
ILOAD1 = 1 mA to 200 mA, ILOAD2 = ILOAD3 = 1 mA, CH1 = ILOAD1,
CH2 = VOUT1, CH3 = VOUT2, CH4 = VOUT3, VRIPPLE = 50 mV, COUT = 1 µF
1
2
T 10.2%
CH1 200mA
M40µs
A CH1
124mA
B
W
B
W
Ω
CH2 50mV
ILOAD1
VOUT1
Figure 42. Load Transient Response,
ILOAD1 = 1 mA to 200 mA, COUT1 = 1 μF, CH1 = ILOAD1,
CH2 = VOUT1, VRIPPLE = 50 mV, COUT = 1 µF
CH2
1
2
T 10.4%
CH1 200mA
50mV
M40µs
A CH1
84mA
B
W
B
W
Ω
ILOAD2
VOUT2
Figure 43. Load Transient Response, ILOAD2 = 1 mA to 200 mA, COUT2 = 1 μF,
CH1 = ILOAD2, CH2 = VOUT2, VRIPPLE = 50 mV, COUT = 1 µF
CH1 200mA
CH2 50mV
M40µs
A CH1
124mA
1
2
T 10.2%
B
W
B
W
Ω
ILOAD3
VOUT3
Figure 44. Load Transient Response,
ILOAD3 = 1 mA to 200 mA, COUT3 = 1 μF, CH1 = ILOAD3,
CH2 = VOUT3, VRIPPLE = 50 mV, COUT = 1 µF
CH3 10mV
B
W
1
4
3
2
T 15%
CH1 1V
CH2 10mV
M1µs
A CH1
4.62V
B
W
CH4 10mV
B
W
B
W
VIN
VOUT1
VOUT2
VOUT3
Figure 45. Line Transient Response,
VIN = 4 V to 5 V, ILOAD1 = ILOAD2 = ILOAD3 =100 mA, CH1 = VIN,
CH2 = VOUT1, CH3 = VOUT2, CH4 = VOUT3, VRIPPLE = 50 mV, COUT = 1 µF
CH2
1
4
3
2
T 12%
CH1 1V
10mV
M2µs
A CH1
4.58V
B
W
CH4 10mV
B
W
CH3 10mV
B
W
B
W
VIN
VOUT1
VOUT2
VOUT3
Figure 46. Line Transient Response,
VIN = 4 V to 5 V, ILOAD1 = ILOAD2 = ILOAD3 =1 mA, CH1 = VIN,
CH2 = VOUT1, CH3 = VOUT2, CH4 = VOUT3, VRIPPLE = 50 mV, COUT = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com