Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP221ACBZ2828-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP221ACBZ2828-R7
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP221ACBZ2828-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP221ACBZ2828-R7 Datasheet HTML 1Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 2Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 3Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 4Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 5Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 6Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 7Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 8Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADP220/ADP221
Rev. H | Page 3 of 20
SPECIFICATIONS
VIN = (VOUT + 0.5 V) or 2.5 V (whichever is greater), EN1 = EN2 = VIN, IOUT1 = IOUT2 = 10 mA, CIN = COUT1 = COUT2 = 1 µF, TA = 25°C,
unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +125°C
2.5
5.5
V
OPERATING SUPPLY CURRENT WITH
BOTH REGULATORS ON
IGND
IOUT = 0 µA
60
µA
IOUT = 0 µA, TJ = −40°C to +125°C
120
µA
IOUT = 10 mA
70
µA
IOUT = 10 mA, TJ = −40°C to +125°C
140
µA
IOUT = 200 mA
120
µA
IOUT = 200 mA, TJ = −40°C to +125°C
220
µA
SHUTDOWN CURRENT
IGND-SD
EN1= EN2 = GND
0.1
µA
EN1= EN2 = GND, TJ = −40°C to +125°C
2
µA
FIXED OUTPUT VOLTAGE ACCURACY
VOUT
−1
+1
%
100 µA < IOUT < 200 mA, VIN = (VOUT + 0.5 V) to
5.5 V, TJ = −40°C to +125°C
−2
+2
%
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 0.5 V) to 5.5 V
0.01
%/V
VIN = (VOUT + 0.5 V) to 5.5 V, TJ = −40°C to +125°C
−0.03
+0.03
%/V
LOAD REGULATION1
∆VOUT/∆IOUT
IOUT = 1 mA to 200 mA
0.001
%/mA
IOUT = 1 mA to 200 mA, TJ = −40°C to +125°C
0.003
%/mA
DROPOUT VOLTAGE2
VDROPOUT
VOUT = 3.3 V
mV
IOUT = 10 mA
7.5
mV
IOUT = 10 mA, TJ = −40°C to +125°C
12
mV
IOUT = 200 mA
150
mV
IOUT = 200 mA, TJ = −40°C to +125°C
230
mV
START-UP TIME3
tSTART-UP
VOUT = 3.3 V, both initially off, enable one
240
µs
VOUT = 0.8 V, both initially off, enable one
100
µs
VOUT = 3.3 V, one initially on, enable second
180
µs
VOUT = 0.8 V, one initially on, enable second
20
µs
ACTIVE PULL-DOWN RESISTANCE
tSHUTDOWN
VOUT = 2.8 V, RLOAD = ∞, COUT = 1 μF, ADP221 only
80
Ω
CURRENT-LIMIT THRESHOLD4
ILIMIT
240
300
440
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
155
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
EN INPUT
EN Input Logic High
VIH
2.5 V ≤ VIN ≤ 5.5 V
1.2
V
EN Input Logic Low
VIL
2.5 V ≤ VIN ≤ 5.5 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN1 = EN2 = VIN or GND
0.1
µA
EN1 = EN2 = VIN or GND, TJ = −40°C to +125°C
1
µA
UNDERVOLTAGE LOCKOUT
UVLO
Input Voltage Rising
UVLORISE
2.45
V
Input Voltage Falling
UVLOFALL
2.2
2.35
V
Hysteresis
UVLOHYS
100
mV
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VIN = 5 V, VOUT = 3.3 V
56
µV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 2.8 V
50
µV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 2.5 V
45
µV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 1.2 V
27
µV rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com