Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP221ACBZ2828-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP221ACBZ2828-R7
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP221ACBZ2828-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP221ACBZ2828-R7 Datasheet HTML 6Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 7Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 8Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 9Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 10Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 11Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 12Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 13Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADP220/ADP221
Data Sheet
Rev. H | Page 10 of 20
0.001
0.01
0.1
1
10
100
1k
LOAD CURRENT (mA)
60
50
40
30
20
10
0
3.3V
2.8V
1.8V
0.8V
Figure 22. Output Noise vs. Load Current and Output Voltage, VIN = 5 V
CH1
200mA ΩBW CH2 50.0mV BW
CH3 10.0mV
B
W
M40.0μs A CH1
132mA
T 10.00%
1
2
3
ILOAD1
VOUT1
VOUT2
ILOAD1 = 1mA TO 200mA, ILOAD2 = 1mA
T
Figure 23. Load Transient Response,
ILOAD1 = 1 mA to 200 mA, ILOAD2 = 1 mA
CH1 = ILOAD1, CH2 = VOUT1, CH3 = VOUT2
T
CH1
200mA ΩBW CH2 50.0mV BW
CH3 10.0mV
B
W
M40.0μs A CH1
132mA
T 10.00%
1
2
3
ILOAD1
VOUT1
VOUT2
ILOAD1 = 1mA TO 200mA, ILOAD2 = 100mA
Figure 24. Load Transient Response,
ILOAD1 = 1 mA to 200 mA, ILOAD2 = 100 mA,
CH1 = ILOAD1, CH2 = VOUT1, CH3 = VOUT2
CH1 1.00V BW CH2 5.00mV
B
W
CH3 5.00mV
B
W
M20.0μs A CH1
4.46V
T 13.60%
2
1
3
VIN
VOUT1
VOUT2
VIN = 4V TO 5V, ILOAD1 = 200mA, ILOAD2 = 100mA
T
Figure 25. Line Transient Response,
VIN = 4 V to 5 V, ILOAD1 = 200 mA, ILOAD2 = 100 mA
CH1 = VIN, CH2 = VOUT1, CH3 = VOUT2
CH1 1.00V BW CH2 5.00mV
B
W
CH3 5.00mV
B
W
M20.0μs A CH1
4.46V
T 10.00%
2
1
3
VIN
VOUT1
VOUT2
VIN = 4V TO 5V, ILOAD1 = 200mA, ILOAD2 = 1mA
T
Figure 26. Line Transient Response
VIN = 4 V to 5 V, ILOAD1 = 200 mA, ILOAD2 = 1 mA
CH1 = VIN, CH2 = VOUT1, CH3 = VOUT2
CH1 5.00V BW CH2 2.00V BW
CH3 2.00V
B
W
M40.0μs A CH1
2.10V
T 9.80%
2
1
3
T
Figure 27. Shutdown Response, ADP221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com