Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP221ACBZ2828-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP221ACBZ2828-R7
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP221ACBZ2828-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP221ACBZ2828-R7 Datasheet HTML 9Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 10Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 11Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 12Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 13Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 14Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 15Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 16Page - Analog Devices ADP221ACBZ2828-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADP220/ADP221
Rev. H | Page 13 of 20
Equation 1 can be used to determine the worst-case capacitance
accounting for capacitor variation over temperature, compo-
nent tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, TEMPCO over −40°C to +85°C is assumed to
be 15% for an X5R dielectric. TOL is assumed to be 10%, and
CBIAS is 0.94 μF at 1.8 V from the graph in Figure 31.
Substituting these values into Equation 1 yields
CEFF = 0.94 μF × (1 − 0.15) × (1 − 0.1) = 0.719 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over
temperature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP220/ADP221, it is
imperative that the effects of dc bias, temperature, and toler-
ances on the behavior of the capacitors be evaluated for each
application.
UNDERVOLTAGE LOCKOUT
The ADP220/ADP221 have an internal undervoltage lockout
circuit that disables all inputs and the output when the input
voltage is less than approximately 2.2 V. This ensures that the
inputs of the ADP220/ADP221 and the output behave in a
predictable manner during power-up.
ENABLE FEATURE
The ADP220/ADP221 use the ENx pins to enable and disable
the VOUTx pins under normal operating conditions. Figure 32
shows a rising voltage on ENx crossing the active threshold,
then VOUTx turns on. When a falling voltage on ENx crosses the
inactive threshold, VOUTx turns off.
1
CH1 500mV BW CH2 500mV BW M10.0ms
A CH2
1.76V
T 27.40%
T
ENx
VOUTx
Figure 32. Typical ENx Pin Operation
As shown in Figure 32, the ENx pins have built-in hysteresis.
This prevents on/off oscillations that can occur due to noise on
the ENx pins as it passes through the threshold points.
The active/inactive thresholds of the ENx pins are derived from
the VIN voltage. Therefore, these thresholds vary with changing
input voltage. Figure 33 shows typical ENx active/inactive thresh-
olds when the input voltage varies from 2.5 V to 5.5 V.
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
EN INACTIVE
EN ACTIVE
Figure 33. Typical ENx Pins Thresholds vs. Input Voltage
The ADP220/ADP221 utilize an internal soft start to limit the
inrush current when the output is enabled. The start-up time
for the 2.8 V option is approximately 220 µs from the time the
ENx active threshold is crossed to when the output reaches 90%
of its final value. The start-up time is somewhat dependent on
the output voltage setting and increases slightly as the output
voltage increases.
1
CH1 5.00V BW
CH2 2.00V BW
M40.0µs
A CH1
2.10V
T 9.80%
T
CH3 2.00V BW
2
3
Figure 34. Typical Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com