Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS7D2P02P8Z Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTLJS7D2P02P8Z
Description  MOSFET - Power, Single P-Channel, WDFN6 -20 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS7D2P02P8Z Datasheet(HTML) 4 Page - ON Semiconductor

  NTLJS7D2P02P8Z Datasheet HTML 1Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 2Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 3Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 4Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 5Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTLJS7D2P02P8Z
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source vs. Total Charge
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
100
0
0
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
1
1
0.4
0.3
1
10K
15
1K
1K
100
10
1
0.7
1.0
1
4
10
10
10
0
VGS = 0 V
0.6
CISS
COSS
CRSS
0.8
10
TJ = 25°C
TJ = −55°C
TJ = 125°C
520
10
9
0.5
0.9
f = 1 MHz
VGS = 0 V
TJ = 25°C
VGS = −4.5 V
VDS = −15 V
ID = −10 A
td(on)
td(off)
tr
tf
QGS
QGD
20
30
40
50
60
2
3
5
7
6
8
VDS = −10 V
ID = −10 A
TJ = 25°C
10
DEVICE ORDERING INFORMATION
Device
Package
Shipping†
NTLJS7D2P02P8ZTAG
WDFN6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com